Electronic Components Datasheet Search
  English  ▼

X  

B43508 Datasheet(PDF) 9 Page - EPCOS

Part # B43508
Description  Aluminum electrolytic capacitors Snap-in capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43508 Datasheet(HTML) 9 Page - EPCOS

Back Button B43508 Datasheet HTML 5Page - EPCOS B43508 Datasheet HTML 6Page - EPCOS B43508 Datasheet HTML 7Page - EPCOS B43508 Datasheet HTML 8Page - EPCOS B43508 Datasheet HTML 9Page - EPCOS B43508 Datasheet HTML 10Page - EPCOS B43508 Datasheet HTML 11Page - EPCOS B43508 Datasheet HTML 12Page - EPCOS B43508 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2)
120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R2)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Terminal style
0 = snap-in standard terminals (6.3
±1) mm
2 = snap-in 3 terminals (4.5
1) mm
7 = snap-in short terminals (4.5
1) mm
VR = 250 V DC
470
22
× 40
250
340
4.03
3.02
1.49
B43508E2477M00*
470
25
× 30
250
340
3.86
2.89
1.43
B43508F2477M00*
470
30
× 25
250
340
3.48
2.60
1.29
B43508G2477M00*
560
22
× 45
210
280
4.52
3.38
1.67
B43508E2567M00*
560
25
× 35
210
280
4.37
3.27
1.62
B43508F2567M00*
560
30
× 30
210
280
3.96
2.96
1.46
B43508G2567M00*
680
22
× 50
170
230
5.11
3.82
1.89
B43508E2687M00*
680
25
× 40
170
230
4.97
3.72
1.84
B43508F2687M00*
680
30
× 30
170
230
4.37
3.27
1.61
B43508G2687M00*
680
35
× 25
170
230
3.66
2.74
1.35
B43508H2687M00*
820
25
× 45
140
200
5.61
4.20
2.07
B43508E2827M00*
820
30
× 35
140
200
4.97
3.72
1.84
B43508F2827M00*
820
35
× 30
140
200
4.46
3.33
1.65
B43508G2827M00*
1000
25
× 55
120
160
6.49
4.86
2.40
B43508E2108M00*
1000
30
× 40
120
160
6.03
4.51
2.23
B43508F2108M00*
1000
35
× 30
120
160
4.92
3.68
1.82
B43508G2108M00*
1200
30
× 45
100
130
6.79
5.08
2.51
B43508E2128M00*
1200
35
× 35
100
130
5.59
4.18
2.07
B43508F2128M00*
1500
30
× 55
75
110
7.96
5.96
2.95
B43508E2158M00*
1500
35
× 40
75
110
6.44
4.82
2.38
B43508F2158M00*
1800
35
× 50
65
90
7.44
5.57
2.75
B43508E2188M00*
2200
35
× 55
55
75
8.42
6.30
3.12
B43508E2228M00*
VR = 400 V DC
100
22
× 25
1230
1730
1.63
1.22
0.60
B43508A9107M00*
120
22
× 30
1020
1440
1.87
1.39
0.69
B43508A9127M00*
150
22
× 30
820
1150
2.09
1.56
0.77
B43508A9157M00*
150
25
× 25
820
1150
2.09
1.56
0.77
B43508B9157M00*
180
22
× 35
680
960
2.37
1.77
0.87
B43508A9187M00*
180
25
× 30
680
960
2.39
1.79
0.88
B43508B9187M00*
220
22
× 40
560
790
2.70
2.02
1.00
B43508A9227M00*
220
25
× 35
560
790
2.74
2.05
1.01
B43508B9227M00*
220
30
× 25
560
790
2.65
1.98
0.98
B43508C9227M00*
270
22
× 50
460
640
3.15
2.35
1.16
B43508A9277M00*
B43508
Ultra compact
105
°C
Page 9 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com