Electronic Components Datasheet Search
  English  ▼

X  

090DNA1 Datasheet(PDF) 6 Page - Sharp Corporation

Part # 090DNA1
Description  Compact Surface Mount type Low Power-Loss Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

090DNA1 Datasheet(HTML) 6 Page - Sharp Corporation

  090DNA1 Datasheet HTML 1Page - Sharp Corporation 090DNA1 Datasheet HTML 2Page - Sharp Corporation 090DNA1 Datasheet HTML 3Page - Sharp Corporation 090DNA1 Datasheet HTML 4Page - Sharp Corporation 090DNA1 Datasheet HTML 5Page - Sharp Corporation 090DNA1 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Sheet No.: OP06051
PQxxxDNA1ZPH Series
-50 -25
0
25
50
75 100 125 150
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
VIN=14V
VC=2.7V
IO=0A
CIN=1μF
CO=10μF
-50 -25
0
25
50
75 100 125 150
0
0.05
0.1
0.15
0.2
0.25
0.3
VIN=11.4V
VC=2.7V
IO=0.5A
CIN=1μF
CO=10μF
Fig.12 Quiescent Current vs. Ambient
Temperature (PQ120DNA1ZPH)
Ambient temperature Ta (°C)
Fig.13 Dropout Voltage vs. Ambient
Temperature (PQ120DNA1ZPH)
Ambient temperature Ta (°C)
0.1
1
10
100
1 000
20
30
40
50
60
70
80
ei(rms)=0.5V
VC=2.7V
IO=0.3A
CO=10μF
Ta=Room temp.
VIN=14V
40
45
50
55
60
65
70
75
80
0
0.25
0.5
0.75
1
ei(rms)=0.5V
f=120HZ
VC=2.7V
CO=10μF
Ta=Room temp.
VIN=14V
Fig.14 Ripple Rejection vs. Input Ripple
Frequency (PQ120DNA1ZPH)
Input ripple frequency f (kHz)
Fig.15 Ripple Rejection vs. Output Current
(PQ120DNA1ZPH)
Output current IO(A)
0
1
0.5
1.5
-40
-20
0
20 40
60 80
100 120
2.0
Cu area 740mm2
Cu area 180mm2
Cu area 100mm2
Cu area 70mm2
Cu area 36mm2
Fig.16 Power Dissipation vs. Ambient
Temperature (Typical Value)
Ambient temperature Ta (°C)
Mounting PCB
PCB
Cu
Material
Size
Cu thickness
: Glass-cloth epoxy resin
: 50×50×1.6mm
: 35μm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com