Electronic Components Datasheet Search
  English  ▼

X  

B43698 Datasheet(PDF) 3 Page - EPCOS

Part # B43698
Description  Axial Aluminum Electrolytic Capacitors for Electronic Ballasts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43698 Datasheet(HTML) 3 Page - EPCOS

  B43698 Datasheet HTML 1Page - EPCOS B43698 Datasheet HTML 2Page - EPCOS B43698 Datasheet HTML 3Page - EPCOS B43698 Datasheet HTML 4Page - EPCOS B43698 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Diagrams and Characteristics: B43698
s
Useful life
versus case
temperature TC
under ripple
current operation
conditions
s
Rated voltage
VR < 100 V or
VR = 100 V with
operation voltage
≤90 V
20 ˚C
25 ˚C
1
10
0
_
5
2
10
60 ˚C
5
10
15
5
3
10
Hz
f
4
10
R
R
85 ˚C
25
20
ESR, 10 kHz
ESR, f
35
KAL0652-4
0
10 2
10
f
Hz
4
KAL0653-C
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,2
3
10
5
5
10 kHz
Ι
Ι
f
~
~
s
Standardized equivalent series
resistance versus frequency f at
different temperatures
s
Typical behavior
s
Frequency factor of permissible
ripple current I~ versus frequency f
UR
CR
Case
RESR, typ RESR, max RESR, max RESR, max Zmax
I~max
I~max
I~R
Ord. code
Ord. code
Ord. code
dimens. 100 Hz
100 Hz
100 Hz
10 kHz
100 kHz 10 kHz
10 kHz
10 kHz Bulk
Pallet
Reel
d x l
20 °C
20 °C
–25 °C
20 °C
20 °C
40 °C
85 °C
105 °C
Vdc
µF
mm
ΩΩΩΩ
Ω
AA
A
Technical Data and Ordering Code
450
6.8 12 x 30
7.2
12.0
180
5.5
5.4
1.00
0.82
0.43
A5685Q000
A5685Q007
A5685Q009
10
14 x 30
4.9
8.1
120
3.8
3.7
1.30
1.05
0.55
A5106Q000
A5106Q007
A5106Q009
15
16 x 30
3.2
5.4
80
2.5
2.4
1.75
1.35
0.73
A5156Q000
A5156Q007
A5156Q009
22
16 x 39
2.2
3.7
50
1.7
1.6
2.40
1.90
1.00
A5226Q000
A5226Q007
33
18 x 39
1.5
2.5
40
1.2
1.1
3.00
2.40
1.25
A5336Q000
A5336Q007
B43698



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com