Electronic Components Datasheet Search
  English  ▼

X  

VRE127 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VRE127
Description  Precision High Temperature Reference Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRE127 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VRE127 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE127 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE127 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE127 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE127 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL
C
CA
M
MA
PARAMETERS
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX MIN
TYP MAX
UNITS
ABSOLUTE MAXIMUM RATINGS
Power Supply
±13.5
±22
*
*
*
*
*
*
V
Operating Temperature
-55
200
*
*
*
*
*
*
°C
Storage Temperature
-65
150
*
*
*
*
*
*
°C
Short Circuit Protection
Continuous
*
*
*
OUTPUT VOLTAGE
VRE125
+5
*
*
*
V
VRE127
±5
*
*
*
V
OUTPUT VOLTAGE ERRORS
Initial Error
0.8
0.4
0.8
0.4
mV
Warmup Drift
2
1
2
1
ppm
-55°C to 150°C
0.9
0.6
*
*
mV
150°C to 200°C
3.0
2.0
*
*
mV
Long-Term Stability
6
*
*
*
ppm/1000hr.
Noise (.1-10Hz)
3
*
*
*
µVpp
OUTPUT CURRENT
Range
±10
*
*
*
mA
REGULATION
Line
6
10
*
*
*
*
*
*
ppm/V
Load
3
*
*
*
ppm/mA
OUTPUT ADJUSTMENT
Range
10
*
*
*
mV
Temperature Coefficient
4
*
*
*
µV/°C/mV
POWER SUPPLY CURRENTS
VRE125 +PS
4
7
*
*
*
*
*
*
mA
VRE127 +PS
6
9
*
*
*
*
*
*
mA
VRE127 -PS
4
6
*
*
*
*
*
*
mA
VRE125/127
NOTES:
*Same as C Models.
1.Using the box method, the specified value is the
maximum deviation from the output voltage at 25°C
over the specified operating temperature range.
2.The specified values are unloaded.
3. Cone widening from 150 °C value to specified value.
(1)
(2)
(3)
VRE125DS REV. C SEPT 1994
Vps =±15V, T = 25°C, RL = 10K
Ω unless otherwise noted.
ELECTRICAL SPECIFICATIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com