Electronic Components Datasheet Search
  English  ▼

X  

WSC2515 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSC2515
Description  Wirewound Resistors, Precision Power, Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSC2515 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSC2515 Datasheet HTML 1Page - Vishay Siliconix WSC2515 Datasheet HTML 2Page - Vishay Siliconix WSC2515 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSC, WSN
Wirewound Resistors,
Precision Power, Surface Mount
Vishay Dale
Document Number: 30102
For technical questions contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 14-Feb-06
219
DIMENSIONS
W
L
T
W1
H
l
a
b
MODEL
DIMENSIONS in inches [millimeters]
LH
T
W
W1
WSC01/2
0.200 ± 0.020
[5.08 ± 0.508]
0.096 ± 0.015
[2.44 ± 0.381]
0.040 ± 0.010
[1.02 ± 0.254]
0.125 ± 0.005
[3.18 ± 0.127]
0.050 ± 0.010
[1.27 ± 0.254]
WSC0001
0.250 ± 0.020
[6.35 ± 0.508]
0.110 ± 0.015
[2.79 ± 0.381]
0.045 ± 0.010
[1.14 ± 0.254]
0.150 ± 0.005
[3.81 ± 0.127]
0.098 ± 0.005
[2.49 ± 0.127]
WSC2515
0.250 ± 0.020
[6.35 ± 0.508]
0.110 ± 0.015
[2.79 ± 0.381]
0.045 ± 0.010
[1.14 ± 0.254]
0.150 ± 0.005
[3.81 ± 0.127]
0.098 ± 0.005
[2.49 ± 0.127]
WSC0002
0.445 ± 0.032
[11.30 ± 0.813]
0.162 ± 0.015
[4.11 ± 0.381]
0.100 ± 0.010
[2.54 ± 0.254]
0.275 ± 0.005
[6.98 ± 0.127]
0.215 ± 0.005
[5.46 ± 0.127]
WSC4527
0.455 ± 0.020
[11.56 ± 0.508]
0.167 ± 0.010
[4.24 ± 0.254]
0.100 ± 0.010
[2.54 ± 0.254]
0.275 ± 0.005
[6.98 ± 0.127]
0.215 ± 0.005
[5.46 ± 0.127]
WSC6927
0.690 ± 0.032
[17.53 ± 0.813]
0.280 ± 0.015
[7.11 ± 0.381]
0.100 ± 0.010
[2.54 ± 0.254]
0.275 ± 0.005
[6.98 ± 0.127]
0.215 ± 0.015
[5.46 ± 0.381]
MODEL
SOLDER PAD DIMENSIONS in inches [millimeters]
ab
l
WSC01/2
0.085 [2.16]
0.070 [1.78]
0.080 [2.03]
WSC0001
0.090 [2.29]
0.115 [2.92]
0.120 [3.05]
WSC2515
0.090 [2.29]
0.115 [2.92]
0.120 [3.05]
WSC0002
0.155 [3.94]
0.230 [5.84]
0.205 [5.21]
WSC4527
0.155 [3.94]
0.230 [5.84]
0.205 [5.21]
WSC6927
0.155 [3.94]
0.235 [5.97]
0.470 [11.94]
Embossed Carrier Tape per EIA-481-1, 2, 3
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles, 15 minutes at each extreme
± (0.5 % + 0.05
Ω)
ΔR
Short Time Overload
5 x rated power for 5 seconds
± (0.2 % + 0.05
Ω)
ΔR
Low Temperature Storage
- 65 °C for 24 hours
± (0.2 % + 0.05
Ω)
ΔR
High Temperature Exposure
1000 hours at + 275 °C (+ 175 °C for WSC01/2, WSC0001 and WSC0002)
± (0.5 % + 0.05
Ω)
ΔR
Bias Humidity
+ 85 °C, 85 % RH, 10 % Bias, 1000 hours
± (0.2 % + 0.05
Ω)
ΔR
Mechanical Shock
100 g’s for 11 milliseconds, 5 pulses
± (0.1 % + 0.05
Ω)
ΔR
Vibration
Frequency varied 10 to 500 Hz in one minute, 3 directions, 9 hours
± (0.1 % + 0.05
Ω)
ΔR
Load Life
1000 hours at rated power, + 70 °C, 1.5 hours “ON”, 0.5 hours “OFF”
± (1.0 % + 0.05
Ω)
ΔR
Resistance to Solder Heat
+ 260 °C Solder, 10 -12 second dwell, 25 mm/second emergence
± (0.5 % + 0.05
Ω)
ΔR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSC01/2
12 mm/Embossed Plastic
330 mm/13"
2000
EA/TA
WSC0001/WSC2515
16 mm/Embossed Plastic
330 mm/13"
2000
EA/TA
WSC0002/WSC4527
24 mm/Embossed Plastic
330 mm/13"
1200
EA/TA
WSC6927
32 mm/Embossed Plastic
330 mm/13”
725
EA/TA
Temperature Rise
0
0.5
1.0
1.5
2.0
2.5
3.0
Power in W
200
150
100
50
0
WSC0001
WSC2515
WSC01/2
WSC6927
WSC0002
WSC4527
Derating
- 65
- 25
25
75
125
175
225
275
Ambient Temperature in
°C
120
100
80
60
40
20
0
70
WSC2515
WSC4527
WSC6927
WSC01/2
WSC0001
WSC0002



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com