Electronic Components Datasheet Search
  English  ▼

X  

AX1509 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AX1509
Description  150KHz, 2A PWM Buck DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX1509 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AX1509 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page No. : 5/8
DS-AX1509-01 Aug, 2006
www.Orister.com
Typical Application Circuit
Fig.1 Fixed Type Circuit
Fig.2 Adjustable Output Voltage Versions
AX1509
Fix Output
D1
1N5825
L1
33uH
L
O
A
D
C2
220uF
2
Output
4
5
6
7
8
1
Vin
+
DC
FB
C1
680uF
3
SD GndGndGndGnd
AX1509
Adjustable Output
D1
1N5825
L1
47uH
L
O
A
D
C2
220uF
2
Output
4
5
6
7
8
1
Vin
+
DC
FB
C1
680uF
3
SD GndGndGndGnd
R1
R2
1K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com