Electronic Components Datasheet Search
  English  ▼

X  

B65943 Datasheet(PDF) 1 Page - EPCOS

Part # B65943
Description  PS 47 횞 14,9 Core and Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65943 Datasheet(HTML) 1 Page - EPCOS

  B65943 Datasheet HTML 1Page - EPCOS B65943 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
368 08/01
Core
I Recommended for new designs
I For inductive proximity switches
I Material N22 for the frequency
range from about 30 to 300 kHz
Coil former
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C); color code black
Material
Approx. weight
g
Ordering code
N22
62
B65943-A-X22
AN
mm2
lN
mm
AR value
µΩ
Ordering code
62
95
52,5
B65944-B-T1
FPK0334-J
6
8,1
39+1,1
47 1,3
_
10+0,5
14 0,7
_
FPK0192-Y
N
A
9,8 0,2
_
0,9
0,9
B65943
B65944
Core and Accessories
PS 47
× 14,9


Similar Part No. - B65943

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65943 EPCOS-B65943 Datasheet
203Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B65943 TDK-B65943 Datasheet
325Kb / 7P
Ferrites and accessories
logo
EPCOS
B65943A0000X022 EPCOS-B65943A0000X022 Datasheet
198Kb / 4P
Ferrites and accessories
B65943A0000X022 EPCOS-B65943A0000X022 Datasheet
203Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B65943A0000X022 TDK-B65943A0000X022 Datasheet
325Kb / 7P
Ferrites and accessories
More results

Similar Description - B65943

ManufacturerPart #DatasheetDescription
logo
EPCOS
B63399 EPCOS-B63399 Datasheet
79Kb / 2P
Core and Accessories
B65665 EPCOS-B65665 Datasheet
102Kb / 2P
Core and Accessories
B65928 EPCOS-B65928 Datasheet
82Kb / 2P
PS 68 횞 14,5 Core and Accessories
B65933 EPCOS-B65933 Datasheet
85Kb / 2P
PS 7,35 횞 3,6 Core and Accessories
B65935 EPCOS-B65935 Datasheet
85Kb / 2P
PS 9 횞 3,5 Core and Accessories
B65937 EPCOS-B65937 Datasheet
91Kb / 2P
P Core Half 14,4 횞 7,5 Core and Accessories
B65939 EPCOS-B65939 Datasheet
92Kb / 2P
PS 25 횞 8,9 Core and Accessories
B65941 EPCOS-B65941 Datasheet
95Kb / 2P
PS 30,5 횞 10,2 Core and Accessories
B65945 EPCOS-B65945 Datasheet
82Kb / 2P
P Core Half 70 횞 14,5 Core and Accessories
B65947 EPCOS-B65947 Datasheet
62Kb / 2P
PS 35 횞 10,8 Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com