Electronic Components Datasheet Search
  English  ▼

X  

B66229 Datasheet(PDF) 1 Page - EPCOS

Part # B66229
Description  E 32/16/9 (EF 32) Core
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66229 Datasheet(HTML) 1 Page - EPCOS

  B66229 Datasheet HTML 1Page - EPCOS B66229 Datasheet HTML 2Page - EPCOS B66229 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
419 08/01
I In accordance with IEC 61246
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,89 mm–1
le
= 74 mm
Ae
= 83 mm2
Amin = 81,4 mm2
Ve
= 6 140 mm3
Approx. weight 30 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 2,50 mm
K3, K4: 70 nH < AL < 710 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N30
3800 + 30/– 20 % 2690
B66229-G-X130
N27
2100 + 30/– 20 % 1480 1770
< 1,10
(200 mT, 25 kHz, 100 °C)
B66229-G-X127
N87
2300 + 30/– 20 % 1630 1770
< 3,00
(200 mT, 100 kHz, 100 °C)
B66229-G-X187
Material
g
mm
AL value
approx.
nH
µe
Ordering code
** = 27 (N27)
= 87 (N87)
N27,
0,50
± 0,05
244
172
B66229-G500-X1**
N87
1,00
± 0,05
145
103
B66229-G1000-X1**
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
145
– 0,748
212
– 0,847
196
– 0,865
N87
145
– 0,748
208
– 0,796
191
– 0,873
B66229
Core
E 32/16/9 (EF 32)


Similar Part No. - B66229

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66229 EPCOS-B66229 Datasheet
256Kb / 8P
Ferrites and accessories
B66229G0000X127 EPCOS-B66229G0000X127 Datasheet
71Kb / 5P
Ferrites and accessories
B66229G0000X127 EPCOS-B66229G0000X127 Datasheet
256Kb / 8P
Ferrites and accessories
logo
TDK Electronics
B66229G0000X127 TDK-B66229G0000X127 Datasheet
173Kb / 8P
Ferrites and accessories
logo
EPCOS
B66229G0000X130 EPCOS-B66229G0000X130 Datasheet
71Kb / 5P
Ferrites and accessories
More results

Similar Description - B66229

ManufacturerPart #DatasheetDescription
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
32-Bit Microprocessor Core
logo
EPCOS
B66233 EPCOS-B66233 Datasheet
77Kb / 2P
E 32/16/11 Core
B66307 EPCOS-B66307 Datasheet
109Kb / 5P
E 16/8/5 (EF 16) Core
B66311 EPCOS-B66311 Datasheet
139Kb / 7P
E 20/10/6 (EF 20) Core
B66314 EPCOS-B66314 Datasheet
73Kb / 2P
E 21/9/5 Core
B66317 EPCOS-B66317 Datasheet
113Kb / 6P
E 25/13/7 (EF 25) Core
B66371 EPCOS-B66371 Datasheet
75Kb / 2P
E 70/33/32 Core
B66387 EPCOS-B66387 Datasheet
79Kb / 2P
E 65/32/27 Core
logo
ERNI Electronics
354447 ERNI-354447 Datasheet
66Kb / 1P
Federleiste E 32 EE
354448 ERNI-354448 Datasheet
53Kb / 1P
Federleiste E 32 LOT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com