Electronic Components Datasheet Search
  English  ▼

X  

B66233 Datasheet(PDF) 1 Page - EPCOS

Part # B66233
Description  E 32/16/11 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66233 Datasheet(HTML) 1 Page - EPCOS

  B66233 Datasheet HTML 1Page - EPCOS B66233 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
421 08/01
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,76 mm–1
le
= 74 mm
Ae
= 97 mm2
Amin = 95 mm2
Ve
= 7 187 mm3
Approx. weight 37 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 2,50 mm
K3, K4: 90 nH < AL < 800 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N87
2900 + 30/– 20 % 1750 2050
< 3,70
(200 mT, 100 kHz, 100 °C)
B66233-G-X187
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N87
165
– 0,711
243
– 0,796
223
– 0,873
B66233
Core
E 32/16/11


Similar Part No. - B66233

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66233 EPCOS-B66233 Datasheet
102Kb / 4P
Ferrites and accessories
B66233 EPCOS-B66233 Datasheet
214Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66233 TDK-B66233 Datasheet
347Kb / 7P
Ferrites and accessories
logo
EPCOS
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
214Kb / 7P
Ferrites and accessories
More results

Similar Description - B66233

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66229 EPCOS-B66229 Datasheet
105Kb / 3P
E 32/16/9 (EF 32) Core
B66300 EPCOS-B66300 Datasheet
90Kb / 3P
E 6,3 Core
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
E 5 Core
B66307 EPCOS-B66307 Datasheet
109Kb / 5P
E 16/8/5 (EF 16) Core
B66371 EPCOS-B66371 Datasheet
75Kb / 2P
E 70/33/32 Core
B66381 EPCOS-B66381 Datasheet
74Kb / 2P
E 40/16/12 Core
B66383 EPCOS-B66383 Datasheet
74Kb / 2P
E 47/20/16 Core
B66387 EPCOS-B66387 Datasheet
79Kb / 2P
E 65/32/27 Core
B66389 EPCOS-B66389 Datasheet
85Kb / 3P
E 36/18/11 Core
B66393 EPCOS-B66393 Datasheet
73Kb / 2P
E 16/6/5 Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com