Electronic Components Datasheet Search
  English  ▼

X  

B66307 Datasheet(PDF) 3 Page - EPCOS

Part # B66307
Description  E 16/8/5 (EF 16) Core
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66307 Datasheet(HTML) 3 Page - EPCOS

  B66307 Datasheet HTML 1Page - EPCOS B66307 Datasheet HTML 2Page - EPCOS B66307 Datasheet HTML 3Page - EPCOS B66307 Datasheet HTML 4Page - EPCOS B66307 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
399 08/01
Coil former (magnetic axis horizontal or vertical)
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Winding:
see “Processing Notes”, page 159
Squared pins
Yoke
Material:
Stainless spring steel (0,2 mm)
Figure 1, horizontal version
Coil former
Ordering code
Figure
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
1
1
22,3
34
52,4
8
B66308-A1108-T1
2
1
22,3
34
52,4
8
B66308-J1108-T1
Yoke (ordering code per piece, 2 are required)
B66308-A2010
Hole arrangement
View in mounting direction
B66308
Accessories
E 16/8/5 (EF 16)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com