Electronic Components Datasheet Search
  English  ▼

X  

B66311 Datasheet(PDF) 3 Page - EPCOS

Part # B66311
Description  E 20/10/6 (EF 20) Core
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66311 Datasheet(HTML) 3 Page - EPCOS

  B66311 Datasheet HTML 1Page - EPCOS B66311 Datasheet HTML 2Page - EPCOS B66311 Datasheet HTML 3Page - EPCOS B66311 Datasheet HTML 4Page - EPCOS B66311 Datasheet HTML 5Page - EPCOS B66311 Datasheet HTML 6Page - EPCOS B66311 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
405 08/01
Coil former (magnetic axis horizontal or vertical)
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Winding:
see “Processing Notes”, page 159
Squared pins
For matching yoke see next page
Figure 1, horizontal version
Figure 2, vertical version
Figure
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
1
1
34
41,2
42
10
B66206-A1110-T1
2
1
34
41,2
42
10
B66206-J1110-T1
FEK0105-U
5
1
6,1+0,15
13,9 0,25
_
0,3
22 _
0,6±0,1
13,7 0,25
_
0,6±0,1
_
7,6 0,15
0,45
15,24
Hole arrangement
View in mounting
direction
Hole arrangement
View in mounting
direction
B66206
Accessories
E 20/10/6 (EF 20)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com