Electronic Components Datasheet Search
  English  ▼

X  

B66315 Datasheet(PDF) 1 Page - EPCOS

Part # B66315
Description  E 25,4/10/7 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66315 Datasheet(HTML) 1 Page - EPCOS

  B66315 Datasheet HTML 1Page - EPCOS B66315 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
415 08/01
I Size based on US lam. size E cores
US designation E2425
I E cores with high permeability for common-mode
chokes and broadband applications
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 1,27 mm–1
le
= 49,2 mm
Ae
= 38,8 mm2
Amin = 38,4 mm2
Ve
= 1 910 mm3
Approx. weight 9,6 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 2,00 mm
K3, K4: 50 nH < AL < 500 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N30
2700 + 30/– 20 % 2720
B66315-G-X130
N27
1500 + 30/– 20 % 1510 1240
< 0,36
(200 mT, 25 kHz, 100 °C)
B66315-G-X127
N87
1670 + 30/– 20 % 1690 1240
< 1,00
(200 mT, 100 kHz, 100 °C)
B66315-G-X187
T42
8500
± 30 %
8570
B66315-F-X142
Material
g
mm
AL value approx.
nH
µe
Ordering code
N27
0,50
± 0,05
122
123
B66315-G500-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
75
– 0,707
106
– 0,847
97
– 0,865
N87
75
– 0,707
106
– 0,796
94
– 0,873
B66315
Core
E 25,4/10/7


Similar Part No. - B66315

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66315 EPCOS-B66315 Datasheet
123Kb / 4P
Ferrites and accessories
B66315 EPCOS-B66315 Datasheet
224Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66315 TDK-B66315 Datasheet
368Kb / 7P
Ferrites and accessories
logo
EPCOS
B66315F0000X146 EPCOS-B66315F0000X146 Datasheet
123Kb / 4P
Ferrites and accessories
B66315F0000X146 EPCOS-B66315F0000X146 Datasheet
224Kb / 7P
Ferrites and accessories
More results

Similar Description - B66315

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66300 EPCOS-B66300 Datasheet
90Kb / 3P
E 6,3 Core
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
E 5 Core
B66311 EPCOS-B66311 Datasheet
139Kb / 7P
E 20/10/6 (EF 20) Core
B66317 EPCOS-B66317 Datasheet
113Kb / 6P
E 25/13/7 (EF 25) Core
B66319 EPCOS-B66319 Datasheet
94Kb / 4P
E 30/15/7 Core
B66322 EPCOS-B66322 Datasheet
69Kb / 2P
E 10/5,5/5 Core
B66370 EPCOS-B66370 Datasheet
78Kb / 2P
E 34/14/9 Core
B66381 EPCOS-B66381 Datasheet
74Kb / 2P
E 40/16/12 Core
B66385 EPCOS-B66385 Datasheet
74Kb / 2P
E 56/24/19 Core
B66417 EPCOS-B66417 Datasheet
85Kb / 3P
EFD 20/10/7 Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com