Electronic Components Datasheet Search
  English  ▼

X  

B66322 Datasheet(PDF) 1 Page - EPCOS

Part # B66322
Description  E 10/5,5/5 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66322 Datasheet(HTML) 1 Page - EPCOS

  B66322 Datasheet HTML 1Page - EPCOS B66322 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
389 08/01
I Compact E core with large winding area
I Suitable for the design of compact battery chargers
I Gapped cores available for flyback converters
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 2,41 mm–1
le
= 26,3 mm
Ae
= 10,9 mm2
Amin = 10,4 mm2
Ve
= 287 mm3
Approx. weight 1,4 g/set
The AL value in the table applies to a core set comprising two ungapped cores.
Material AL value
nH
µe
AL1min
nH
PV, max
W/set
Ordering code
N27
750
± 25 % 1430
520
0,41
(200 mT, 100 kHz, 100 °C)
B66322-G-X127
N87
800
± 25 % 1530
520
0,15
(200 mT, 100 kHz, 100 °C)
B66322-G-X187
FEK0423-B
2,35±0,15
7,95±0,15
10,2±0,2
0,3
4,8 _
B66322
Core
E 10/5,5/5


Similar Part No. - B66322

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66322 EPCOS-B66322 Datasheet
88Kb / 4P
Ferrites and accessories
B66322 EPCOS-B66322 Datasheet
154Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66322 TDK-B66322 Datasheet
169Kb / 7P
Ferrites and accessories
logo
EPCOS
B66322G0000X127 EPCOS-B66322G0000X127 Datasheet
88Kb / 4P
Ferrites and accessories
B66322G0000X127 EPCOS-B66322G0000X127 Datasheet
154Kb / 7P
Ferrites and accessories
More results

Similar Description - B66322

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66300 EPCOS-B66300 Datasheet
90Kb / 3P
E 6,3 Core
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
E 5 Core
B66307 EPCOS-B66307 Datasheet
109Kb / 5P
E 16/8/5 (EF 16) Core
B66311 EPCOS-B66311 Datasheet
139Kb / 7P
E 20/10/6 (EF 20) Core
B66314 EPCOS-B66314 Datasheet
73Kb / 2P
E 21/9/5 Core
B66315 EPCOS-B66315 Datasheet
74Kb / 2P
E 25,4/10/7 Core
B66381 EPCOS-B66381 Datasheet
74Kb / 2P
E 40/16/12 Core
B66393 EPCOS-B66393 Datasheet
73Kb / 2P
E 16/6/5 Core
B66411 EPCOS-B66411 Datasheet
77Kb / 2P
EFD 10/5/3 Core
logo
HARTING Technology Grou...
09-33-000-6139 HARTING-09-33-000-6139 Datasheet
467Kb / 2P
Han E-Male Contact-c Au 5,5 mm짼 / 10 AWG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com