Electronic Components Datasheet Search
  English  ▼

X  

B66325 Datasheet(PDF) 1 Page - EPCOS

Part # B66325
Description  E 42/21/15 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66325 Datasheet(HTML) 1 Page - EPCOS

  B66325 Datasheet HTML 1Page - EPCOS B66325 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
426 08/01
I In accordance with IEC 61246
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,54 mm–1
le
= 97 mm
Ae
= 178 mm2
Amin = 175 mm2
Ve
= 17 300 mm3
Approx. weight 88 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 2,50 mm
K3, K4: 1210 nH < AL < 130 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
3500 + 30/– 20 % 1510 2900
< 3,30
(200 mT, 25 kHz, 100°C)
B66325-G-X127
N87
3950 + 30/– 20 % 1690 2900
< 9,00
(200 mT, 100 kHz, 100°C)
B66325-G-X187
Material
g
mm
AL value
approx. nH
µe
Ordering code
N27
0,10
± 0,02
1497
647
B66325-G100-X127
0,25
± 0,02
759
328
B66325-G250-X127
0,50
± 0,05
454
196
B66325-G500-X127
0,64
± 0,05
378
164
B66325-G640-X127
1,00
± 0,05
272
118
B66325-G1000-X127
1,50
± 0,05
201
87
B66325-G1500-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
272
– 0,741
436
– 0,847
406
– 0,865
N87
272
– 0,741
423
– 0,796
396
– 0,873
B66325
Core
E 42/21/15


Similar Part No. - B66325

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66325 EPCOS-B66325 Datasheet
129Kb / 4P
Ferrites and accessories
B66325 EPCOS-B66325 Datasheet
228Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66325 TDK-B66325 Datasheet
386Kb / 7P
Ferrites and accessories
logo
EPCOS
B66325G0000X127 EPCOS-B66325G0000X127 Datasheet
129Kb / 4P
Ferrites and accessories
B66325G0000X127 EPCOS-B66325G0000X127 Datasheet
228Kb / 7P
Ferrites and accessories
More results

Similar Description - B66325

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66300 EPCOS-B66300 Datasheet
90Kb / 3P
E 6,3 Core
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
E 5 Core
B66314 EPCOS-B66314 Datasheet
73Kb / 2P
E 21/9/5 Core
B66319 EPCOS-B66319 Datasheet
94Kb / 4P
E 30/15/7 Core
B66322 EPCOS-B66322 Datasheet
69Kb / 2P
E 10/5,5/5 Core
B66329 EPCOS-B66329 Datasheet
109Kb / 3P
E 42/21/20 Core
B66335 EPCOS-B66335 Datasheet
75Kb / 2P
E 55/28/21 Core
B66347 EPCOS-B66347 Datasheet
89Kb / 3P
ER 42/22/15 Core
logo
PHOENIX CONTACT
2821067 PHOENIX-2821067 Datasheet
78Kb / 4P
Relay connectors - ST-REL3-HW 42/21
2822066 PHOENIX-2822066 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SW 42/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com