Electronic Components Datasheet Search
  English  ▼

X  

B66339 Datasheet(PDF) 1 Page - EPCOS

Part # B66339
Description  EC 41/20/12 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66339 Datasheet(HTML) 1 Page - EPCOS

  B66339 Datasheet HTML 1Page - EPCOS B66339 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
501 08/01
I In accordance with IEC 60647
I Compact E core with large winding window
I Round center leg particularly suitable
for use of thick winding wires
I EC cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,74 mm–1
le
= 89,3 mm
Ae
= 121 mm2
Amin = 106 mm2
Ve
= 10 800 mm3
Approx. weight 52 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 2,50 mm
K3, K4: 90 nH < AL < 850 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
2700 + 30/– 20 % 1580 2130
< 1,80
(200 mT, 25 kHz, 100 °C)
B66339-G-X127
Material
g
mm
AL value approx.
nH
µe
Ordering code
N27
0,25
± 0,02
470
275
B66339-G250-X127
0,50
± 0,05
281
165
B66339-G500-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
168
– 0,742
300
– 0,847
279
– 0,865
B66339
Core
EC 41/20/12


Similar Part No. - B66339

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66335 EPCOS-B66335 Datasheet
75Kb / 2P
E 55/28/21 Core
B66335 EPCOS-B66335 Datasheet
125Kb / 4P
Ferrites and accessories
B66335 EPCOS-B66335 Datasheet
224Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66335 TDK-B66335 Datasheet
377Kb / 7P
Ferrites and accessories
logo
EPCOS
B66335-G-X127 EPCOS-B66335-G-X127 Datasheet
75Kb / 2P
E 55/28/21 Core
More results

Similar Description - B66339

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9042 AD-AD9042 Datasheet
488Kb / 24P
12-Bit, 41 MSPS Monolithic A/D Converter
REV.A
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
12-Bit, 41 MSPS A/D Converter
logo
EPCOS
B66311 EPCOS-B66311 Datasheet
139Kb / 7P
E 20/10/6 (EF 20) Core
B66337 EPCOS-B66337 Datasheet
77Kb / 2P
EC 35/17/10 Core
B66341 EPCOS-B66341 Datasheet
77Kb / 2P
EC 52/24/14 Core
B66343 EPCOS-B66343 Datasheet
77Kb / 2P
EC 70/35/16 Core
B66381 EPCOS-B66381 Datasheet
74Kb / 2P
E 40/16/12 Core
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
DO-41
logo
Analog Devices
AD9042 AD-AD9042_15 Datasheet
464Kb / 24P
12-Bit, 41 MSPS Monolithic ADC
REV. B
logo
PHOENIX CONTACT
1076858 PHOENIX-1076858 Datasheet
262Kb / 13P
Capacity module - QUINT4-CAP/24DC/20/16KJ/EC
Nov 16, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com