Electronic Components Datasheet Search
  English  ▼

X  

NFNFBHP-9 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # NFNFBHP-9
Description  High Performance N-Female to N-Female Bulkhead 0-3 GHz Lightning Protector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

NFNFBHP-9 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  NFNFBHP-9 Datasheet HTML 1Page - Infinite Electronics International, Inc. NFNFBHP-9 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
High Performance N-Female to N-Female Bulkhead 0-3 GHz Lightning Protector
Model: AL-NFNFBHP-9
Applications and Features
Applications:
IEEE 802.11b/g Wireless LAN applications
MMDS
Cellular applications
Amateur radio applications
Features:
Reliable Performance from DC ~ 3 GHz
Bi-Directional Protection
Protector will pass DC
Easily Replaced Gas Tube Element
Multi-Strike Capability
Description
The AL-NFNFBHP-9 is a very high-performance high power gas discharge tube
suppressor featuring operation up to 3 GHz. This unit features a bulkhead N-Female
connector with a rubber “O” Ring seal for mounting through an enclosure wall. An
optional stainless steel mounting bracket is also available.
The design of this protector provides outstanding performance and reliability due to
its internal components. A circular brass contact inside the AL-NFNFBHP ensures the
gas tube is firmly seated as well as providing a better contact point for the gas tube.
Most coaxial protectors are designed with only a thin pin that the gas tube sits on
Both connector ports of this unit are equally protected. This provides protection no
matter which way it is installed. Either port can face the antenna and either port can
face the equipment. A ground lug and terminal are provided directly on the lightning
protector housing which provides superior grounding.
Note: The AL-NFNFBHP is for indoor use only.


Similar Part No. - NFNFBHP-9

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
NFNFB-2 L-COM-NFNFB-2 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFB-3 L-COM-NFNFB-3 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFB-6 L-COM-NFNFB-6 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFB-9 L-COM-NFNFB-9 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFBW-9 L-COM-NFNFBW-9 Datasheet
58Kb / 1P
LP,N-FEMALE TO N-FEMALE 0-6GHz
08/24/2010
More results

Similar Description - NFNFBHP-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7301-3 PASTERNACK-PE7301-3 Datasheet
84Kb / 1P
N FEMALE BULKHEAD COAX SURGE PROTECTOR
PE7301-4 PASTERNACK-PE7301-4 Datasheet
84Kb / 1P
N FEMALE BULKHEAD COAX SURGE PROTECTOR
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
SMA Female to N Female Bulkhead Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
Bulkhead SMA Female to N Female Adapter
PE9540 PASTERNACK-PE9540 Datasheet
255Kb / 2P
Bulkhead N Female to BNC Female Adapter
logo
Amphenol Corporation
172371 AMPHENOL-172371 Datasheet
494Kb / 1P
N FEMALE TO N FEMALE BULKHEAD ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE91201 PASTERNACK-PE91201 Datasheet
336Kb / 3P
Bulkhead N Female to N Female Adapter IP67 Mated
PE91238 PASTERNACK-PE91238 Datasheet
363Kb / 3P
Bulkhead N Female to N Female Adapter IP67 UnMated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com