Electronic Components Datasheet Search
  English  ▼

X  

B66344 Datasheet(PDF) 1 Page - EPCOS

Part # B66344
Description  E 55/28/25 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66344 Datasheet(HTML) 1 Page - EPCOS

  B66344 Datasheet HTML 1Page - EPCOS B66344 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
431 08/01
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,3 mm–1
le
= 124 mm
Ae
= 420 mm2
Amin = 420 mm2
Ve
= 52 100 mm3
Approx. weight 256 g
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,15 mm < s < 3,50 mm
K3, K4: 220 nH < AL < 2130 nH
Mate-
rial
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
6800 + 30/– 20 % 1600
5340
< 9,50
(200 mT, 25 kHz, 100 °C)
B66344-G-X127
N87
7300 + 30/– 20 % 1740
5250
< 4,80
(100 mT, 100 kHz, 100 °C)
B66344-G-X187
Mate-
rial
g
mm
AL value approx.
nH
µe
Ordering code
N27
2,50
± 0,05
295
70
B66344-G2500-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
596
– 0,769
992
– 0,847
927
– 0,865
N87
596
– 0,769
950
– 0,796
905
– 0,873
B66344
Core
E 55/28/25


Similar Part No. - B66344

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66344 EPCOS-B66344 Datasheet
113Kb / 4P
Ferrites and accessories
B66344 EPCOS-B66344 Datasheet
218Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66344 TDK-B66344 Datasheet
362Kb / 7P
Ferrites and accessories
logo
EPCOS
B66344 EPCOS-B66344 Datasheet
511Kb / 11P
Ferrites and accessories
October 2024
B66344G0000X127 EPCOS-B66344G0000X127 Datasheet
113Kb / 4P
Ferrites and accessories
More results

Similar Description - B66344

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66300 EPCOS-B66300 Datasheet
90Kb / 3P
E 6,3 Core
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
E 5 Core
B66317 EPCOS-B66317 Datasheet
113Kb / 6P
E 25/13/7 (EF 25) Core
B66322 EPCOS-B66322 Datasheet
69Kb / 2P
E 10/5,5/5 Core
B66335 EPCOS-B66335 Datasheet
75Kb / 2P
E 55/28/21 Core
B66395 EPCOS-B66395 Datasheet
105Kb / 4P
ETD 54/28/19 Core
B66399 EPCOS-B66399 Datasheet
67Kb / 2P
DE 28 Core
B66433 EPCOS-B66433 Datasheet
69Kb / 2P
ER 28/17/11 Core
logo
Tyco Electronics
E-55 MACOM-E-55 Datasheet
34Kb / 1P
E-55 4PDT,2 Amps, 28 VDC
E-348 MACOM-E-348 Datasheet
69Kb / 1P
E-348 SPST N.O., .25 Amp, 28 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com