Electronic Components Datasheet Search
  English  ▼

X  

B66350 Datasheet(PDF) 1 Page - EPCOS

Part # B66350
Description  ER 35/20/11 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66350 Datasheet(HTML) 1 Page - EPCOS

  B66350 Datasheet HTML 1Page - EPCOS B66350 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
470 08/01
I Round center leg particularly suitable
for use of thick winding wires or tapes
I For compact winding design with
low leakage inductance
I ER cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,81 mm–1
le
= 89,6 mm
Ae
= 111 mm2
Amin = 101 mm2
Ve
= 9 930 mm3
Approx. weight 52 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 2,50 mm
K3, K4: 90 nH < AL < 600 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
2500 + 30/– 20 % 1610 1930
< 1,95
(200 mT, 25 kHz, 100 °C)
B66350-G-X127
Material
g
mm
AL value
approx.
nH
µe
Ordering code
N27
0,50
± 0,05
275
177
B66350-G500-X127
1,00
± 0,05
170
109
B66350-G1000-X127
1,50
± 0,05
125
80
B66350-G1500-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
169
– 0,706
275
– 0,847
256
– 0,865
B66350
Core
ER 35/20/11


Similar Part No. - B66350

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66350 EPCOS-B66350 Datasheet
129Kb / 4P
Ferrites and accessories
B66350 EPCOS-B66350 Datasheet
226Kb / 7P
Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
226Kb / 7P
Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127_13 Datasheet
226Kb / 7P
Ferrites and accessories
More results

Similar Description - B66350

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65513 EPCOS-B65513 Datasheet
69Kb / 2P
ER 14,5/6 Core
B65523 EPCOS-B65523 Datasheet
94Kb / 3P
ER 9,5/5 Core
B65525 EPCOS-B65525 Datasheet
101Kb / 3P
ER 11/5 Core
B66347 EPCOS-B66347 Datasheet
89Kb / 3P
ER 42/22/15 Core
B66357 EPCOS-B66357 Datasheet
76Kb / 2P
ER 54/18/18 Core
B66377 EPCOS-B66377 Datasheet
80Kb / 2P
ER 46/17/18 Core
B66391 EPCOS-B66391 Datasheet
76Kb / 2P
ER 49/27/17 Core
B66409 EPCOS-B66409 Datasheet
73Kb / 2P
DE 35 Core
B66433 EPCOS-B66433 Datasheet
69Kb / 2P
ER 28/17/11 Core
logo
Adels-Contact
123211 ADELS-123211 Datasheet
121Kb / 2P
500/11 35
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com