Electronic Components Datasheet Search
  English  ▼

X  

B66358 Datasheet(PDF) 1 Page - EPCOS

Part # B66358
Description  ETD 29/16/10 Core
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66358 Datasheet(HTML) 1 Page - EPCOS

  B66358 Datasheet HTML 1Page - EPCOS B66358 Datasheet HTML 2Page - EPCOS B66358 Datasheet HTML 3Page - EPCOS B66358 Datasheet HTML 4Page - EPCOS B66358 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
477 08/01
I In accordance with IEC 61185
I For SMPS transformers with optimum
weight/performance ratio at small volume
I ETD cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,93 mm–1
le
= 70,4 mm
Ae
= 76 mm2
Amin = 71 mm2
Ve
= 5 350 mm3
Approx. weight 28 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
2000 + 30/– 20 % 1470 1700
< 1,04
(200 mT, 25 kHz, 100 °C)
B66358-G-X127
N87
2200 + 30/– 20 % 1610 1700
< 2,80
(200 mT, 100 kHz, 100 °C)
B66358-G-X187
N971)
2250 + 30/– 20 % 1670 1700
< 2,40
(200 mT, 100 kHz, 100 °C)
B66358-G-X197
Material
g
mm
AL value
approx.
nH
µe
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0,10
± 0,02
621
457
B66358-G100-X1**
N87
0,20
± 0,02
383
281
B66358-G200-X1**
0,50
± 0,05
201
148
B66358-G500-X1**
1,00
± 0,05
124
91
B66358-G1000-X1**
FEK0044-8
_
9,8 0,6
22+1,4
30,6 1,6
_
1) Preliminary data
B66358
ETD 29/16/10 through ETD 59/31/22
Core
ETD 29/16/10


Similar Part No. - B66358

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66358 EPCOS-B66358 Datasheet
99Kb / 7P
Ferrites and accessories
B66358G0000X127 EPCOS-B66358G0000X127 Datasheet
99Kb / 7P
Ferrites and accessories
B66358G0000X127 EPCOS-B66358G0000X127 Datasheet
79Kb / 7P
ETD accessories
B66358G0000X187 EPCOS-B66358G0000X187 Datasheet
99Kb / 7P
Ferrites and accessories
B66358G0000X187 EPCOS-B66358G0000X187 Datasheet
79Kb / 7P
ETD accessories
More results

Similar Description - B66358

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66361 EPCOS-B66361 Datasheet
150Kb / 6P
ETD 34/17/11 Core
B66363 EPCOS-B66363 Datasheet
104Kb / 4P
ETD 39/20/13 Core
B66365 EPCOS-B66365 Datasheet
104Kb / 4P
ETD 44/22/15 Core
B66367 EPCOS-B66367 Datasheet
106Kb / 4P
ETD 49/25/16 Core
B66395 EPCOS-B66395 Datasheet
105Kb / 4P
ETD 54/28/19 Core
B66397 EPCOS-B66397 Datasheet
106Kb / 4P
ETD 59/31/22 Core
logo
Ferroxcube Internationa...
ETD59 FERROXCUBE-ETD59_1 Datasheet
17Kb / 1P
ETD core s and accessories
logo
Fair-Rite Products Corp...
9595343502 FAIR-RITE-9595343502 Datasheet
512Kb / 1P
ETD Cores
9595606002 FAIR-RITE-9595606002 Datasheet
512Kb / 1P
ETD Cores
9578293202 FAIR-RITE-9578293202 Datasheet
512Kb / 1P
ETD Cores
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com