Electronic Components Datasheet Search
  English  ▼

X  

B66361 Datasheet(PDF) 5 Page - EPCOS

Part # B66361
Description  ETD 34/17/11 Core
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66361 Datasheet(HTML) 5 Page - EPCOS

  B66361 Datasheet HTML 1Page - EPCOS B66361 Datasheet HTML 2Page - EPCOS B66361 Datasheet HTML 3Page - EPCOS B66361 Datasheet HTML 4Page - EPCOS B66361 Datasheet HTML 5Page - EPCOS B66361 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ETD 34/17/11
Accessories
B66362
FER PMD ZUB E
18.09.03
Page 2 of 2
Coil former (magnetic axis vertical, molded-in pins)
Material:
GFR polyterephthalate, UL 94 V-0, insulation class to IEC 60085:
F = max. operating temperature 155 °C, color code black
(Pocan B4235; [E 41613 (M)]; Bayer)
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Winding:
see databook 2001, chapter Processing Notes, page 158
Yoke
Material: Stainless spring steel (0.4 mm)
Sections
AN (mm²)
lN (mm)
AR value (µ
Ω) Pins
Ordering code
1
122
60.5
17
14
B66362L1014T001
Yoke (ordering code per piece, 2 are required)
B66362A2000
Coil former
Yoke
FEK0431-2-E
39.6 max.
6 x 5.08 = 30.48
Hole arrangement
View in mounting direction
214
113
11.3 min.
Marking
of pin 1
1.5
25 min.
0.1
1_
23.4 max.
ø13.5 max.
ø1.0
FEK0203-J
11±0,2
9±0,3
 EPCOS AG 2003. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information
contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and
Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers’ Association), unless
otherwise agreed.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com