Electronic Components Datasheet Search
  English  ▼

X  

B66365 Datasheet(PDF) 1 Page - EPCOS

Part # B66365
Description  ETD 44/22/15 Core
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66365 Datasheet(HTML) 1 Page - EPCOS

  B66365 Datasheet HTML 1Page - EPCOS B66365 Datasheet HTML 2Page - EPCOS B66365 Datasheet HTML 3Page - EPCOS B66365 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
488 08/01
I In accordance with IEC 61185
I Quality assurance per UTE 83313-003/
CECC 25 301-003 (material N27)
I For SMPS transformers with optimum
weight/performance ratio at small volume
I ETD cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,6 mm–1
le
= 103 mm
Ae
= 173 mm2
Amin = 172 mm2
Ve
= 17 800 mm3
Approx. weight 94 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
3300 + 30/– 20 % 1560 2640
< 3,48
(200 mT, 25 kHz, 100 °C)
B66365-G-X127
N87
3500 + 30/– 20 % 1650 2640
< 9,40
(200 mT, 100 kHz, 100 °C)
B66365-G-X187
N971)
3600 + 30/– 20 % 1720 2640
< 8,00
(200 mT, 100 kHz, 100 °C)
B66365-G-X197
Material
g
mm
AL value
approx.
nH
µe
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0,20
± 0,02
862
407
B66365-G200-X1**
N87
0,50
± 0,05
438
207
B66365-G500-X1**
1,00
± 0,05
262
124
B66365-G1000-X1**
1,50
± 0,05
194
92
B66365-G1500-X1**
FEK0057-6
0,8
+1,2
0,8
32,5+1,6
43,8
15,2 _
_
1) Preliminary data
B66365
Core
ETD 44/22/15


Similar Part No. - B66365

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66365 EPCOS-B66365 Datasheet
265Kb / 9P
Ferrites and accessories
B66365G0000X127 EPCOS-B66365G0000X127 Datasheet
78Kb / 6P
Ferrites and accessories
B66365G0000X127 EPCOS-B66365G0000X127 Datasheet
265Kb / 9P
Ferrites and accessories
B66365G0000X127 EPCOS-B66365G0000X127_13 Datasheet
265Kb / 9P
Ferrites and accessories
B66365G0000X187 EPCOS-B66365G0000X187 Datasheet
78Kb / 6P
Ferrites and accessories
More results

Similar Description - B66365

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66347 EPCOS-B66347 Datasheet
89Kb / 3P
ER 42/22/15 Core
B66358 EPCOS-B66358 Datasheet
138Kb / 5P
ETD 29/16/10 Core
B66361 EPCOS-B66361 Datasheet
150Kb / 6P
ETD 34/17/11 Core
B66363 EPCOS-B66363 Datasheet
104Kb / 4P
ETD 39/20/13 Core
B66367 EPCOS-B66367 Datasheet
106Kb / 4P
ETD 49/25/16 Core
B66395 EPCOS-B66395 Datasheet
105Kb / 4P
ETD 54/28/19 Core
B66397 EPCOS-B66397 Datasheet
106Kb / 4P
ETD 59/31/22 Core
logo
Fair-Rite Products Corp...
0444167281 FAIR-RITE-0444167281 Datasheet
270Kb / 3P
44 ROUND CABLE CORE ASSEMBLY
0444173551 FAIR-RITE-0444173551 Datasheet
265Kb / 3P
44 ROUND CABLE CORE ASSEMBLY
logo
Ferroxcube Internationa...
ETD59 FERROXCUBE-ETD59_1 Datasheet
17Kb / 1P
ETD core s and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com