Electronic Components Datasheet Search
  English  ▼

X  

GSS4953 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GSS4953
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GSS4953 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GSS4953 Datasheet HTML 1Page - List of Unclassifed Manufacturers GSS4953 Datasheet HTML 2Page - List of Unclassifed Manufacturers GSS4953 Datasheet HTML 3Page - List of Unclassifed Manufacturers GSS4953 Datasheet HTML 4Page - List of Unclassifed Manufacturers GSS4953 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GSS4953
Page: 4/5
ISSUED DATE :2006/01/19
REVISED DATE :2006/11/09D
Fig 7. Maximum Safe Operating Area
Fig 8. Gate Threshold Voltage
v.s. Junction Temperature
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Switching Time Circuit
Fig 12. Switching Time Waveform
V DS = - 15 V
I D = - 5.0 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com