Electronic Components Datasheet Search
  English  ▼

X  

B66375 Datasheet(PDF) 1 Page - EPCOS

Part # B66375
Description  E 80/38/20 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66375 Datasheet(HTML) 1 Page - EPCOS

  B66375 Datasheet HTML 1Page - EPCOS B66375 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
435 08/01
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,47 mm–1
le
= 184 mm
Ae
= 390 mm2
Amin = 388 mm2
Ve
= 71 800 mm3
Approx. weight 358 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,20 mm < s < 5,00 mm
K3, K4: 140 nH < AL < 1330 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
4150 + 30/– 20 % 1550 3340
< 13,30
(200 mT, 25 kHz, 100 °C)
B66375-G-X127
N87
4500 + 30/– 20 % 1680 3340
< 6,50
(100 mT, 100 kHz, 100 °C)
B66375-G-X187
Material
g
mm
AL value approx.
nH
µe
Ordering code
N27
0,50
± 0,05
882
329
B66375-G500-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
539
– 0,710
867
– 0,847
816
– 0,865
N87
539
– 0,710
8,4
– 0,796
806
– 0,873
B66375
Core
E 80/38/20


Similar Part No. - B66375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66375 EPCOS-B66375 Datasheet
115Kb / 4P
Ferrites and accessories
B66375 EPCOS-B66375 Datasheet
219Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66375 TDK-B66375 Datasheet
366Kb / 7P
Ferrites and accessories
logo
EPCOS
B66375G0000X127 EPCOS-B66375G0000X127 Datasheet
115Kb / 4P
Ferrites and accessories
B66375G0000X127 EPCOS-B66375G0000X127 Datasheet
219Kb / 7P
Ferrites and accessories
More results

Similar Description - B66375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66300 EPCOS-B66300 Datasheet
90Kb / 3P
E 6,3 Core
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
E 5 Core
B66311 EPCOS-B66311 Datasheet
139Kb / 7P
E 20/10/6 (EF 20) Core
B66322 EPCOS-B66322 Datasheet
69Kb / 2P
E 10/5,5/5 Core
B66329 EPCOS-B66329 Datasheet
109Kb / 3P
E 42/21/20 Core
B66370 EPCOS-B66370 Datasheet
78Kb / 2P
E 34/14/9 Core
B66381 EPCOS-B66381 Datasheet
74Kb / 2P
E 40/16/12 Core
B66383 EPCOS-B66383 Datasheet
74Kb / 2P
E 47/20/16 Core
B66385 EPCOS-B66385 Datasheet
74Kb / 2P
E 56/24/19 Core
logo
List of Unclassifed Man...
FFB0812SHE ETC2-FFB0812SHE Datasheet
110Kb / 1P
80 x 80 x 38 MM SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com