Electronic Components Datasheet Search
  English  ▼

X  

B66379 Datasheet(PDF) 2 Page - EPCOS

Part # B66379
Description  E/ELP Cores
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66379 Datasheet(HTML) 2 Page - EPCOS

  B66379 Datasheet HTML 1Page - EPCOS B66379 Datasheet HTML 2Page - EPCOS B66379 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
402 08/01
I Size based on US lam. size E cores
US designation E 187
I E cores with high permeability for common-mode
chokes and broadband applications
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 1,76 mm–1
le
= 39,6 mm
Ae
= 22,5 mm2
Amin = 22,1 mm2
Ve
= 891 mm3
Approx. weight 4,4 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 2,00 mm
K3, K4: 40 nH < AL < 350 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N30
1700 + 30/– 20 % 2380
B66379-G-X130
N27
1050 + 30/– 20 % 1470 720
< 0,18
(200 mT, 25 kHz, 100°C)
B66379-G-X127
N87
1150 + 30/– 20 % 1610 720
< 0,50
(200 mT, 100 kHz, 100°C)
B66379-G-X187
T42
5800
± 30 %
8100
B66379-F-X142
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
46,4
– 0,697
63,3
– 0,847
57,9
– 0,865
N87
46,4
– 0,697
64,1
– 0,796
56,1
– 0,873
B66379
Core
E 19/8/5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com