Electronic Components Datasheet Search
  English  ▼

X  

B66385 Datasheet(PDF) 1 Page - EPCOS

Part # B66385
Description  E 56/24/19 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66385 Datasheet(HTML) 1 Page - EPCOS

  B66385 Datasheet HTML 1Page - EPCOS B66385 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
432 08/01
I Size based on US lam. size E cores
US designation E 75
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,31 mm–1
le
= 107 mm
Ae
= 340 mm2
Amin = 327 mm2
Ve
= 36 400 mm3
Approx. weight 184 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 3,00 mm
K3, K4: 200 nH < AL < 2000 nH
Mate-
rial
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
6300 + 30/– 20 % 1570
5000
< 6,80 (200 mT, 25 kHz, 100 °C) B66385-G-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
500
– 0,784
821
– 0,847
765
– 0,865
B66385
Core
E 56/24/19


Similar Part No. - B66385

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66385 EPCOS-B66385 Datasheet
103Kb / 4P
Ferrites and accessories
B66385 EPCOS-B66385 Datasheet
213Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66385 TDK-B66385 Datasheet
352Kb / 7P
Ferrites and accessories
logo
EPCOS
B66385G0000X127 EPCOS-B66385G0000X127 Datasheet
103Kb / 4P
Ferrites and accessories
B66385G0000X127 EPCOS-B66385G0000X127 Datasheet
213Kb / 7P
Ferrites and accessories
More results

Similar Description - B66385

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66300 EPCOS-B66300 Datasheet
90Kb / 3P
E 6,3 Core
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
E 5 Core
B66314 EPCOS-B66314 Datasheet
73Kb / 2P
E 21/9/5 Core
B66315 EPCOS-B66315 Datasheet
74Kb / 2P
E 25,4/10/7 Core
B66322 EPCOS-B66322 Datasheet
69Kb / 2P
E 10/5,5/5 Core
B66370 EPCOS-B66370 Datasheet
78Kb / 2P
E 34/14/9 Core
B66381 EPCOS-B66381 Datasheet
74Kb / 2P
E 40/16/12 Core
B66387 EPCOS-B66387 Datasheet
79Kb / 2P
E 65/32/27 Core
B66395 EPCOS-B66395 Datasheet
105Kb / 4P
ETD 54/28/19 Core
B66426 EPCOS-B66426 Datasheet
69Kb / 2P
DE 24 Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com