Electronic Components Datasheet Search
  English  ▼

X  

B66395 Datasheet(PDF) 3 Page - EPCOS

Part # B66395
Description  ETD 54/28/19 Core
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66395 Datasheet(HTML) 3 Page - EPCOS

  B66395 Datasheet HTML 1Page - EPCOS B66395 Datasheet HTML 2Page - EPCOS B66395 Datasheet HTML 3Page - EPCOS B66395 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
496 08/01
Coil former
Material:
GFR polyterephthalate, UL 94 V-0, insulation class to IEC 60085:
B66396A: F
max. operating temperature 155 °C, color code black
(Pocan B4235; [E 41613 (M)]; Bayer)
B66396W: H
max. operating temperature 180 °C, color code black
(Rynite FR530; [E 69578 (M)]; E I DUPONT DE NEMOURS & CO INC)
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Winding:
see data book 2001, Processing Notes, page 158
Yoke
Material: Stainless spring steel (0.4 mm)
Coil former
Yoke
 EPCOS AG 2001. Reproduction, publication and dissemination of this brochure and the information contained
therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical
and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers’ Associa-
tion), unless otherwise agreed.
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
1
315.6
96
10.5
22
B66396A1022T001
B66396W1022T001
Yoke (ordering code per piece, 2 are required)
B66396A2000
FEK0362-Q
19,3±0,2
11,7±0,3
FEK0416-T
ø3,4+0,15
DIN 7971-St 2,9 x 6,5-C)
(for fixing with sheet-steel screw
ø1,6+0,15
11 x 5,08 = 55,88
19,8 min.
22 max.
39,15 min.
61,6 max.
Hole arrangement
View in mounting direction
ø1
36,8 min.
39,4 max.
61,4 max.
(for fixing with sheet-steel screw DIN 7971-St 2.9 x 6.5-C)
B66396
Accessories
ETD 54/28/19



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com