Electronic Components Datasheet Search
  English  ▼

X  

B66399 Datasheet(PDF) 1 Page - EPCOS

Part # B66399
Description  DE 28 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66399 Datasheet(HTML) 1 Page - EPCOS

  B66399 Datasheet HTML 1Page - EPCOS B66399 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
520 08/01
I Closed E core shape (no gap)
I For broadband transformers
and current-compensated chokes
Magnetic characteristics (per piece)
Σl/A = 2,59 mm–1
le
= 70 mm
Ae
= 27 mm2
Amin = 27 mm2
Ve
= 1 890 mm3
Approx. weight 15 g/piece
Material
AL value
nH
Ordering code
T37
3200
± 30 %
B66399-A1-X37
FEK0257-I
5±0,3
5±0,3
22,2 min.
28,45±0,75
B66399
Core
DE 28


Similar Part No. - B66399

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66390 EPCOS-B66390 Datasheet
148Kb / 5P
Ferrites and accessories
B66390 EPCOS-B66390 Datasheet
242Kb / 8P
Ferrites and accessories
B66390-A1016-T1 EPCOS-B66390-A1016-T1 Datasheet
85Kb / 3P
E 36/18/11 Core
B66390A1016T001 EPCOS-B66390A1016T001 Datasheet
148Kb / 5P
Ferrites and accessories
B66390A1016T001 EPCOS-B66390A1016T001 Datasheet
242Kb / 8P
Ferrites and accessories
More results

Similar Description - B66399

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66335 EPCOS-B66335 Datasheet
75Kb / 2P
E 55/28/21 Core
B66344 EPCOS-B66344 Datasheet
75Kb / 2P
E 55/28/25 Core
B66395 EPCOS-B66395 Datasheet
105Kb / 4P
ETD 54/28/19 Core
B66409 EPCOS-B66409 Datasheet
73Kb / 2P
DE 35 Core
B66426 EPCOS-B66426 Datasheet
69Kb / 2P
DE 24 Core
B66433 EPCOS-B66433 Datasheet
69Kb / 2P
ER 28/17/11 Core
logo
Eichhoff Electronics,In...
DSA010 EICHHOFF-DSA010 Datasheet
121Kb / 2P
Stabkerndrosseln Iron core chokes Selfs baton de fer
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com