Electronic Components Datasheet Search
  English  ▼

X  

B66408 Datasheet(PDF) 1 Page - EPCOS

Part # B66408
Description  EV 25/13/13 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66408 Datasheet(HTML) 1 Page - EPCOS

  B66408 Datasheet HTML 1Page - EPCOS B66408 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
517 08/01
I For DC/DC converters, storage chokes
and EMI suppression chokes
I EV cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,8 mm–1
le
= 59 mm
Ae
= 74 mm2
Amin = 73 mm2
Ve
= 4370 mm3
Approx. weight 22 g/set
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
2400 + 30/– 20 %
1520 1970
< 0,80
(200 mT, 25 kHz, 100 °C)
B66408-G-X127
N87
2500 + 30/– 20 %
1590 1970
< 2,20
(200 mT, 100 kHz, 100 °C)
B66408-G-X187
FEK0335-T
8,8±0,25
_0,6
+0,7
25
18,8+0,8
B66408
Core
EV 25/13/13


Similar Part No. - B66408

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66408 EPCOS-B66408 Datasheet
89Kb / 4P
Ferrites and accessories
B66408 EPCOS-B66408 Datasheet
209Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66408 TDK-B66408 Datasheet
339Kb / 7P
Ferrites and accessories
logo
EPCOS
B66408G0000X127 EPCOS-B66408G0000X127 Datasheet
89Kb / 4P
Ferrites and accessories
B66408G0000X127 EPCOS-B66408G0000X127 Datasheet
209Kb / 7P
Ferrites and accessories
More results

Similar Description - B66408

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317 Datasheet
113Kb / 6P
E 25/13/7 (EF 25) Core
B66363 EPCOS-B66363 Datasheet
104Kb / 4P
ETD 39/20/13 Core
B66421 EPCOS-B66421 Datasheet
86Kb / 3P
EFD 25/13/9 Core
B66432 EPCOS-B66432 Datasheet
69Kb / 2P
EV 30/16/13 Core
logo
Hittite Microwave Corpo...
HMC342 HITTITE-HMC342_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
Hirose Electric
JR16PA-10S HIROSE-JR16PA-10S_1 Datasheet
569Kb / 11P
SHELL SIZE 13-25 ALUMINUM CONNECTORS
logo
Hittite Microwave Corpo...
HMC342 HITTITE-HMC342_10 Datasheet
230Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
New Jersey Semi-Conduct...
1N3081 NJSEMI-1N3081 Datasheet
112Kb / 1P
D0-13
logo
List of Unclassifed Man...
JRC-TP ETC2-JRC-TP Datasheet
535Kb / 12P
JR SEIRES SHELL SIZE 13-25 ALUMINUM CONNECTORS
logo
PHOENIX CONTACT
1424368 PHOENIX-1424368 Datasheet
61Kb / 2P
Sleeve housing - VC-K-T3-IN (13-25)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com