Electronic Components Datasheet Search
  English  ▼

X  

B66413 Datasheet(PDF) 4 Page - EPCOS

Part # B66413
Description  EFD/EV/DE Cores
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66413 Datasheet(HTML) 4 Page - EPCOS

  B66413 Datasheet HTML 1Page - EPCOS B66413 Datasheet HTML 2Page - EPCOS B66413 Datasheet HTML 3Page - EPCOS B66413 Datasheet HTML 4Page - EPCOS B66413 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
509 08/01
SMD coil former with J terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 350 °C, 1 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
permissible soldering temperature for wire-wrap connection on coil former: 400 °C, 1 s
Winding:
see “Processing Notes”, page 160
Yoke
Material:
Stainless spring steel (0,25 mm)
Mounting:
Preferred assembly direction from the top
Cover plate
For marking and improved processing on assembly machines.
See under coil former for material and resistance to soldering heat.
Coil former
Yoke
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
Ordering code
1
18,1
35,1
66,7
8
B66414-B6008-T1
2
17,1
35,1
70,5
8
B66414-B6008-T2
Yoke (ordering code per piece, 2 are required)
B66414-B2000
Cover plate
B66414-A7000
FEK0187-Y
12,8±0,1
Abdeckplatte
Cover plate
FEK0271-J
4,4
4,8 max.
FEK0329-J
0,5±0,05
5,5+0,2
Empfehlung für das
Leiterplattenlayout
17,7
2,5
5
6
7
8
1
2
3
4
0,25
15 _
0,2
_
10,4
0,5±0,05
0,3
_
20,8
_
10,6 0,2
_
16 0,2
Center flange omitted for one-section version
Recommended
PCB layout
B66414
Accessories
EFD 15/8/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com