Electronic Components Datasheet Search
  English  ▼

X  

B66417 Datasheet(PDF) 2 Page - EPCOS

Part # B66417
Description  EFD 20/10/7 Core
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66417 Datasheet(HTML) 2 Page - EPCOS

  B66417 Datasheet HTML 1Page - EPCOS B66417 Datasheet HTML 2Page - EPCOS B66417 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
511 08/01
Coil former
Material:
GFR thermosetting plastic; UL 94 V-0, insulation class to IEC 60085:
B66418-B: F
max. operating temperature 155 °C; color code green
B66418-W: H
max. operating temperature 180 °C; color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Winding:
see “Processing Notes”, page 157
Squared pins
Yoke
Material:
Stainless spring steel (0,3 mm)
Coil former
Yoke
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
1
28,1
40,2
49,2
8
B66418-B1008-D1
B66418-W1008-D1
Yoke (ordering code per piece, 2 are required)
B66418-B2000
FEK0210-2
12
34
20±0,2
876
5
Markierung für Stift 1
9,2+0,1
0,45
13,2 min.
85
14
ø1,3+0,1
3 x 5 = 15
Montagelochung
5
CuSn6, verzinnt
Duroplast
0,15
10,6 _
0,2
14,8 _
0,2
14,8 _
FEK0274-8
6,3 max.
5,1
Ansicht A
A
Mounting holes
Marking of pin 1
CuSn6, tinned
View A
B66418
Accessories
EFD 20/10/7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com