Electronic Components Datasheet Search
  English  ▼

X  

B66423 Datasheet(PDF) 2 Page - EPCOS

Part # B66423
Description  EFD 30/15/9 Core
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66423 Datasheet(HTML) 2 Page - EPCOS

  B66423 Datasheet HTML 1Page - EPCOS B66423 Datasheet HTML 2Page - EPCOS B66423 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
515 08/01
Coil former
Material:
GFR thermosetting plastic; UL 94 V-0, insulation class to IEC 60085:
B66424-B: F
max. operating temperature 155 °C; color code green
B66424-W: H
max. operating temperature 180 °C; color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Winding:
see “Processing Notes”, page 157
Squared pins
Yoke
Material:
Stainless spring steel (0,45 mm)
Coil former
Yoke
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
1
52,3
56,7
37,3
12
B66424-B1012-D1
B66424-W1012-D1
Yoke (ordering code per piece, 2 are required)
B66424-B2000
FEK0272-R
8,3 max.
6,65
Ansicht A
A
FEK0212-I
12
3
4
5
6
30±0,2
7
8
9
10
11
12
14,9+0,25
20,1 min.
0,6
ø1,3+0,1
16
7
12
5 x 5 = 25
Montagelochung
Markierung für Stift 1
5
CuSn6, verzinnt
Duroplast
0,2
16,4 _
21,55 0,15
_
21,7 _0,2
Mounting holes
Marking of pin 1
View A
CuSn6, tinned
Thermosetting plastic
B66424
Accessories
EFD 30/15/9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com