Electronic Components Datasheet Search
  English  ▼

X  

B66432 Datasheet(PDF) 1 Page - EPCOS

Part # B66432
Description  EV 30/16/13 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66432 Datasheet(HTML) 1 Page - EPCOS

  B66432 Datasheet HTML 1Page - EPCOS B66432 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
518 08/01
I For DC/DC converters, storage chokes
and EMI suppression chokes
I EV cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,76 mm–1
le
= 74,8 mm
Ae
= 99 mm2
Amin = 95 mm2
Ve
= 7410 mm3
Approx. weight 37 g/set
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
2600 + 30/– 20 %
1570 2070
< 1,40
(200 mT, 25 kHz, 100 °C)
B66432-G-X127
N87
2800 + 30/– 20 %
1690 2070
< 3,70
(200 mT, 100 kHz, 100 °C)
B66432-G-X187
FEK0336-2
11,6±0,3
22,1±0,5
29,7±0,8
6,5
B66432
Core
EV 30/16/13


Similar Part No. - B66432

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66432 EPCOS-B66432 Datasheet
89Kb / 4P
Ferrites and accessories
B66432 EPCOS-B66432 Datasheet
210Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66432 TDK-B66432 Datasheet
341Kb / 7P
Ferrites and accessories
logo
EPCOS
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
210Kb / 7P
Ferrites and accessories
More results

Similar Description - B66432

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66363 EPCOS-B66363 Datasheet
104Kb / 4P
ETD 39/20/13 Core
B66408 EPCOS-B66408 Datasheet
69Kb / 2P
EV 25/13/13 Core
B66421 EPCOS-B66421 Datasheet
86Kb / 3P
EFD 25/13/9 Core
B66434 EPCOS-B66434 Datasheet
70Kb / 2P
EV 15/9/7 Core
logo
Winchester Electronics ...
TRU-11880 WINCHESTER-TRU-11880 Datasheet
84Kb / 1P
CONNECTOR, COAXIAL 13-30(f) to 13-30(f) ADAPTER
TRU-11881 WINCHESTER-TRU-11881 Datasheet
79Kb / 1P
CONNECTOR, COAXIAL 13-30(m) to 13-30(m) ADAPTER
TRU-11882 WINCHESTER-TRU-11882 Datasheet
82Kb / 1P
CONNECTOR, COAXIAL 13-30(f) to 7-16(m) ADAPTER
TRU-11883 WINCHESTER-TRU-11883 Datasheet
84Kb / 1P
CONNECTOR, COAXIAL 13-30(f) to 7-16(f) ADAPTER
TRU-11884 WINCHESTER-TRU-11884 Datasheet
79Kb / 1P
CONNECTOR, COAXIAL 13-30(m) to 7-16(m) ADAPTER
TRU-11885 WINCHESTER-TRU-11885 Datasheet
81Kb / 1P
CONNECTOR, COAXIAL 13-30(m) to 7-16(f) ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com