Electronic Components Datasheet Search
  English  ▼

X  

B66433 Datasheet(PDF) 1 Page - EPCOS

Part # B66433
Description  ER 28/17/11 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66433 Datasheet(HTML) 1 Page - EPCOS

  B66433 Datasheet HTML 1Page - EPCOS B66433 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
469 08/01
I Round center leg particularly suitable
for use of thick winding wires or tapes
I For compact winding design with
low leakage inductance
I ER cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,88 mm–1
le
= 75,0 mm
Ae
= 85,4 mm2
Amin = 77,0 mm2
Ve
= 6 400 mm3
Approx. weight 32 g/set
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N72
2700 + 30/– 20 % 1890 1780
< 0,80
(200 mT, 25 kHz, 100 °C)
B66433-G-X172
FEK0318-4
9,9±0,25
28,55±0,55
21,75±0,5
B66433
Core
ER 28/17/11


Similar Part No. - B66433

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66433 EPCOS-B66433 Datasheet
84Kb / 4P
Ferrites and accessories
B66433 EPCOS-B66433 Datasheet
207Kb / 7P
Ferrites and accessories
B66433G0000X172 EPCOS-B66433G0000X172 Datasheet
84Kb / 4P
Ferrites and accessories
B66433G0000X172 EPCOS-B66433G0000X172 Datasheet
207Kb / 7P
Ferrites and accessories
B66433G0000X172 EPCOS-B66433G0000X172_13 Datasheet
207Kb / 7P
Ferrites and accessories
More results

Similar Description - B66433

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65513 EPCOS-B65513 Datasheet
69Kb / 2P
ER 14,5/6 Core
B65523 EPCOS-B65523 Datasheet
94Kb / 3P
ER 9,5/5 Core
B65525 EPCOS-B65525 Datasheet
101Kb / 3P
ER 11/5 Core
B66347 EPCOS-B66347 Datasheet
89Kb / 3P
ER 42/22/15 Core
B66350 EPCOS-B66350 Datasheet
81Kb / 2P
ER 35/20/11 Core
B66357 EPCOS-B66357 Datasheet
76Kb / 2P
ER 54/18/18 Core
B66361 EPCOS-B66361 Datasheet
150Kb / 6P
ETD 34/17/11 Core
B66377 EPCOS-B66377 Datasheet
80Kb / 2P
ER 46/17/18 Core
B66391 EPCOS-B66391 Datasheet
76Kb / 2P
ER 49/27/17 Core
B66399 EPCOS-B66399 Datasheet
67Kb / 2P
DE 28 Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com