Electronic Components Datasheet Search
  English  ▼

X  

B66434 Datasheet(PDF) 1 Page - EPCOS

Part # B66434
Description  EV 15/9/7 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66434 Datasheet(HTML) 1 Page - EPCOS

  B66434 Datasheet HTML 1Page - EPCOS B66434 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
516 08/01
I For DC/DC converters, storage chokes
and EMI suppression chokes
I EV cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 1,4 mm–1
le
= 38,7 mm
Ae
= 27,7 mm2
Amin = 25,8 mm2
Ve
= 1070 mm3
Approx. weight 5,7 g/set
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
1150
± 25 %
1280 1100
< 0,22
(200 mT, 25 kHz, 100 °C)
B66434-G-X127
N87
1250
± 25 %
1390 1100
< 0,60
(200 mT, 100 kHz, 100 °C)
B66434-G-X187
FEK0333-C
10,8+0,6
0,4
5,8 _
+0,7
0,5
14,8 _
B66434
EV cores
Core
EV 15/9/7
EV 15/9/7 through EV 30/16/3


Similar Part No. - B66434

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66434 EPCOS-B66434 Datasheet
91Kb / 4P
Ferrites and accessories
B66434 EPCOS-B66434 Datasheet
211Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66434 TDK-B66434 Datasheet
342Kb / 7P
Ferrites and accessories
logo
EPCOS
B66434G0000X127 EPCOS-B66434G0000X127 Datasheet
91Kb / 4P
Ferrites and accessories
B66434G0000X127 EPCOS-B66434G0000X127 Datasheet
211Kb / 7P
Ferrites and accessories
More results

Similar Description - B66434

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66314 EPCOS-B66314 Datasheet
73Kb / 2P
E 21/9/5 Core
B66319 EPCOS-B66319 Datasheet
94Kb / 4P
E 30/15/7 Core
B66370 EPCOS-B66370 Datasheet
78Kb / 2P
E 34/14/9 Core
B66408 EPCOS-B66408 Datasheet
69Kb / 2P
EV 25/13/13 Core
B66417 EPCOS-B66417 Datasheet
85Kb / 3P
EFD 20/10/7 Core
B66421 EPCOS-B66421 Datasheet
86Kb / 3P
EFD 25/13/9 Core
B66423 EPCOS-B66423 Datasheet
87Kb / 3P
EFD 30/15/9 Core
B66432 EPCOS-B66432 Datasheet
69Kb / 2P
EV 30/16/13 Core
logo
List of Unclassifed Man...
MS-200278 ETC2-MS-200278 Datasheet
224Kb / 1P
106-SD02-EV, 106-SD04-EV, 106-SD06-EV, 106-SD08-EV
logo
Schneider Electric
B100X SCHNEIDER-B100X Datasheet
104Kb / 2P
PowerPact B-Frame Circuit Breaker Enclosure, 15-100A Nema 7/9
Dec 10, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com