Electronic Components Datasheet Search
  English  ▼

X  

B81141 Datasheet(PDF) 4 Page - EPCOS

Part # B81141
Description  Film Capacitors EMI Suppression Capacitors (MKT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81141 Datasheet(HTML) 4 Page - EPCOS

  B81141 Datasheet HTML 1Page - EPCOS B81141 Datasheet HTML 2Page - EPCOS B81141 Datasheet HTML 3Page - EPCOS B81141 Datasheet HTML 4Page - EPCOS B81141 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical data
Max. operating temperature Top,max
+85
°C
Dissipation factor tan
δ (in 10-3)
at
1 kHz
8.0
at 20
°C (upper limit values)
100 kHz 15.0
Insulation resistance Rins
CR
≤ 0.33 µF
CR > 0.33
µF
or time constant
τ = C
R
Rins
30 000 M
Ω
10 000 s
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
DC test voltage
2500 V, 2 s
Passive flammability category
to IEC 40 (CO) 752
C
Maximum continuous AC voltage (VAC) 440 V (50/60 Hz)
Rated AC voltage (IEC 60384-14)
440 V (50/60 Hz)
Maximum continuous DC voltage (VDC) 1000 V
Operating AC voltage Vop at high
temperature
TA
≤ 85 °C
Vop = VAC
(continuously)
TA
≤ 85 °C
Vop = 1.25 VAC
(1000 h)
Damp heat test
21 days / 40
°C / 93% relative humidity
Limit values after damp heat test
Capacitance change
∆C/C
≤ 5%
Dissipation factor change (
∆ tan δ) ≤ 5 10-3 (at 1 kHz)
Insulation resistance Rins
≥ 50% of minimum
or time constant
τ = C
R
Rins
as-delivered values
B81141
X1 / 440 VAC
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com