Electronic Components Datasheet Search
  English  ▼

X  

B82747 Datasheet(PDF) 2 Page - EPCOS

Part # B82747
Description  Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82747 Datasheet(HTML) 2 Page - EPCOS

  B82747 Datasheet HTML 1Page - EPCOS B82747 Datasheet HTML 2Page - EPCOS B82747 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
361 04/00
Dimensional drawing
General technical data
For further technical data see page 334
Characteristics and ordering codes
Test voltage
VT
2500 Vac, 2 s (line/line)
Rated current
IR
Referred to 50 Hz and 60
°C ambient temperature
Inductance tolerance
± 30 %
∆L/L
0
< 20 % at dc loading with I
R
Weight
Approx. 350 g
IR
A
LR
mH
LS, typ
µH
Rtyp
m
Ω
Ordering code
Approval marks
6
6,0
130
50
B82747-F4602-N1
××
10
3,0
60
20
B82747-F4103-N1
××
16
2,0
40
12
B82747-F4163-N1
××
25
1,3
16
7,5
B82747-F4253-N20
—
—
B82747
Chokes for Power Lines
Current-Compensated Ring Core Triple Chokes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com