Electronic Components Datasheet Search
  English  ▼

X  

X6753M Datasheet(PDF) 3 Page - EPCOS

Part # X6753M
Description  SAW bandpass filter Bandpass filters for terrestrial TV applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6753M Datasheet(HTML) 3 Page - EPCOS

  X6753M Datasheet HTML 1Page - EPCOS X6753M Datasheet HTML 2Page - EPCOS X6753M Datasheet HTML 3Page - EPCOS X6753M Datasheet HTML 4Page - EPCOS X6753M Datasheet HTML 5Page - EPCOS X6753M Datasheet HTML 6Page - EPCOS X6753M Datasheet HTML 7Page - EPCOS X6753M Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
February 17, 2006
X 6753 M
35.825 MHz
SAW Components
SAW bandpass filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ ||3pF
min.
typ.
@ 25 ˚C
max.
Insertion attenuation
α
Reference level for the 35.825 MHz
18.3
19.8
21.3
dB
following data
Pass bandwith
α
rel ≤1dB
B1dB
—
7.2
—
MHz
α
rel ≤3 dB
B3dB
—
7.5
—
MHz
α
rel ≤30 dB
B30dB
—
8.6
—
MHz
Relative attenuation
α
rel
32.40 MHz
0.0
1.0
2.0
dB
39.63 MHz
0.4
1.4
2.4
dB
39.83 MHz
2.7
3.9
5.1
dB
31.90 MHz
—
16.7
—
dB
30.90 MHz
38.0
47.0
—
dB
40.40 MHz
27.0
32.0
—
dB
40.90 MHz
34.0
43.0
—
dB
41.40 MHz
36.0
44.0
—
dB
Lower sidelobe
25.00 ... 30.90 MHz
34.0
39.0
—
dB
Upper sidelobe
40.90 ... 50.00 MHz
31.0
38.0
—
dB
Reflected wave signal suppression
1.2
µs ... 6.0 µs after main pulse
40.0
49.0
—
dB
(test pulse 250 ns,
carrier frequency 35.825 MHz)
Feedthrough signal suppression
1.4
µs ... 1.3 µs before main pulse
—
50.0
—
dB
(test pulse 250 ns,
carrier frequency 35.825 MHz)
Group delay ripple (p-p)
∆t
32.40 ... 39.63 MHz
—
50
—
ns
Impedance at 35.825 MHz
Input:
ZIN
=RIN
||
CIN
—
2.4||16.9
—
k
Ω || pF
Output:
ZOUT =ROUT || COUT
—
1.9|| 4.8
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com