Electronic Components Datasheet Search
  English  ▼

X  

X6756M Datasheet(PDF) 2 Page - EPCOS

Part # X6756M
Description  SAW bandpass filter Bandpass Filter for Digital Cable Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6756M Datasheet(HTML) 2 Page - EPCOS

  X6756M Datasheet HTML 1Page - EPCOS X6756M Datasheet HTML 2Page - EPCOS X6756M Datasheet HTML 3Page - EPCOS X6756M Datasheet HTML 4Page - EPCOS X6756M Datasheet HTML 5Page - EPCOS X6756M Datasheet HTML 6Page - EPCOS X6756M Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
June 22, 2006
X 6756 M
23.40 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW bandpass filter
Data sheet
Application
s
Constant group delay
s
Low group delay ripple
s
Low sideband suppression
s
Usable bandwidth 2.3 MHz
s
Balanced input option
Features
s
Plastic package SIP5K
s
Approximate weight 1.0 g
s
RoHS compatible
s
Tinned CuFe alloy terminals
Pin configuration
s
1
Input
s
2
Input - ground
s
3
Chip carrier - ground
s
4
Output
s
5
Output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com