Electronic Components Datasheet Search
  English  ▼

X  

X6764D Datasheet(PDF) 3 Page - EPCOS

Part # X6764D
Description  SAW bandpass filter Bandpass filters for terrestrial TV applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6764D Datasheet(HTML) 3 Page - EPCOS

  X6764D Datasheet HTML 1Page - EPCOS X6764D Datasheet HTML 2Page - EPCOS X6764D Datasheet HTML 3Page - EPCOS X6764D Datasheet HTML 4Page - EPCOS X6764D Datasheet HTML 5Page - EPCOS X6764D Datasheet HTML 6Page - EPCOS X6764D Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
June 14, 2006
X 6764 D
44.00 MHz
SAW Components
SAW bandpass filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
@ 25 ˚C
max.
Insertion attenuation
α
Reference level for
44.06 (44.00) MHz
16.8
18.3
19.8
dB
the following data
Amplitude ripple (p-p)
∆α
41.66 ... 46.46
(41.60 ... 46.40) MHz
—
0.8
—
dB
Relative attenuation
α
rel
39.81 (39.75) MHz
30.0
42.0
—
dB
41.06 (41.00) MHz
—
9.5
—
dB
41.37 (41.31) MHz
1.3
2.3
3.3
dB
46.75 (46.69) MHz
1.4
2.4
3.4
dB
47.06 (47.00) MHz
—
9.5
—
dB
47.31 (47.25) MHz
17.0
23.0
—
dB
Lower sidelobe
35.06 ... 37.06
(35.00 ... 37.00) MHz
35.0
42.0
—
dB
37.06 ... 39.41
(37.00 ... 39.35) MHz
30.0
42.0
—
dB
Upper sidelobe
47.71 ... 50.06
(47.65 ... 50.00) MHz
24.0
30.0
—
dB
50.06 ... 55.06
(50.00 ... 55.00) MHz
32.0
40.0
—
dB
Reflected wave signal suppression
1.2
µs ... 6.0 µs after main pulse
—
50.0
—
dB
(test pulse 250 ns,
carrier frequency 44.06 MHz)
Group delay ripple (p-p)
∆τ
41.37 ... 46.75
(41.31 ... 46.69) MHz
—
60
—
ns
Impedance at 44.06 MHz
Input:
ZIN
=RIN
||
CIN
—
2.2 || 11.3
—
k
Ω || pF
Output:
ZOUT =ROUT || COUT
—
3.1 || 2.5
—
k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K
Maximum ratings
Operable temperature range T
–25 / +65 ˚C
Storage temperature range
Tstg
–40 / +85 ˚C
DC voltage
VDC
5
V
between any terminals
AC voltage
Vpp
10
V
between any terminals



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com