Electronic Components Datasheet Search
  English  ▼

X  

1416612 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1416612
Description  SAC-4P-MINMR/ 5,0-547/MINFS - Power cable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1416612 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1416612 Datasheet HTML 1Page - PHOENIX CONTACT 1416612 Datasheet HTML 2Page - PHOENIX CONTACT 1416612 Datasheet HTML 3Page - PHOENIX CONTACT 1416612 Datasheet HTML 4Page - PHOENIX CONTACT 1416612 Datasheet HTML 5Page - PHOENIX CONTACT 1416612 Datasheet HTML 6Page - PHOENIX CONTACT 1416612 Datasheet HTML 7Page - PHOENIX CONTACT 1416612 Datasheet HTML 8Page - PHOENIX CONTACT 1416612 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Power cable, 4-position, PVC, yellow, Plug angled 7/8"-16UNF, on Socket straight 7/8"-16UNF,
cable length: 5 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Commercial data
Item number
1416612
Packing unit
1 pc
Note
Made to order (non-returnable)
Sales key
BF14
Product key
BF1IMA
GTIN
4055626221601
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
MX
SAC-4P-MINMR/ 5,0-547/MINFS - Power cable
1416612
https://www.phoenixcontact.com/us/products/1416612
Jul 2, 2024, 6:47 AM
Page 1 (15)


Similar Part No. - 1416612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416610 PHOENIX-1416610 Datasheet
556Kb / 14P
SAC-4P-MINMR/ 2,0-547/MINFS - Power cable
1416611 PHOENIX-1416611 Datasheet
456Kb / 8P
SAC-6P-MINMR/ 1,0-U20/MINFS - Power cable
1416613 PHOENIX-1416613 Datasheet
449Kb / 9P
SAC-4P-MINMR/10,0-547/MINFS - Power cable
1416614 PHOENIX-1416614 Datasheet
347Kb / 8P
SAC-4P-MINMR/ 2,0-547 - Power cable
1416615 PHOENIX-1416615 Datasheet
346Kb / 8P
SAC-6P-MINMR/ 1,0-U20 - Power cable
More results

Similar Description - 1416612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415198 PHOENIX-1415198 Datasheet
103Kb / 5P
Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SCO
1415204 PHOENIX-1415204 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SH SCO
1424122 PHOENIX-1424122 Datasheet
155Kb / 9P
Power cable - SAC-4P-M12MST/ 5,0-PUR SH
09/11/2020
1425114 PHOENIX-1425114 Datasheet
136Kb / 10P
Sensor/actuator cable - SAC-4P-15,0-547/FR SCO BK
09/11/2020
1425115 PHOENIX-1425115 Datasheet
130Kb / 9P
Sensor/actuator cable - SAC-4P-15,0-547/FS SCO BK
09/11/2020
1425117 PHOENIX-1425117 Datasheet
129Kb / 9P
Sensor/actuator cable - SAC-4P-20,0-547/FS SCO BK
09/11/2020
1456970 PHOENIX-1456970 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-4P- 5,0-800/M12FR
09/11/2020
1457144 PHOENIX-1457144 Datasheet
123Kb / 10P
Sensor/actuator cable - SAC-4P-M12MR/ 5,0-800
09/11/2020
1668124 PHOENIX-1668124 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M12FS
09/11/2020
1569401 PHOENIX-1569401 Datasheet
367Kb / 10P
SAC-4P-M12MSD/ 5,0-931 - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com