Electronic Components Datasheet Search
  English  ▼

X  

1456750 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1456750
Description  SAC-3P-M12MS/ 5,0-800 - Sensor/actuator cable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1456750 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1456750 Datasheet HTML 1Page - PHOENIX CONTACT 1456750 Datasheet HTML 2Page - PHOENIX CONTACT 1456750 Datasheet HTML 3Page - PHOENIX CONTACT 1456750 Datasheet HTML 4Page - PHOENIX CONTACT 1456750 Datasheet HTML 5Page - PHOENIX CONTACT 1456750 Datasheet HTML 6Page - PHOENIX CONTACT 1456750 Datasheet HTML 7Page - PHOENIX CONTACT 1456750 Datasheet HTML 8Page - PHOENIX CONTACT 1456750 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position, PUR halogen-free, resistant to welding sparks, highly flexible,
gray RAL 7001, Plug straight M12, coding: A, on free cable end, cable length: 5 m, for robots
and drag chains
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Reliable solution for the body shop as cable is resistant to welding sparks
•
Commercial data
Item number
1456750
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
BF1CBA
Catalog page
Page 192 (C-2-2019)
GTIN
4046356593113
Weight per piece (including packing)
138 g
Weight per piece (excluding packing)
138 g
Customs tariff number
85444290
Country of origin
PL
SAC-3P-M12MS/ 5,0-800 - Sensor/actuator cable
1456750
https://www.phoenixcontact.com/us/products/1456750
Jul 2, 2024, 6:40 AM
Page 1 (11)


Similar Part No. - 1456750

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1456705 PHOENIX-1456705 Datasheet
380Kb / 11P
SAC-3P-10,0-800/M12FS - Sensor/actuator cable
1456718 PHOENIX-1456718 Datasheet
388Kb / 11P
SAC-3P- 3,0-800/M12FR - Sensor/actuator cable
1456721 PHOENIX-1456721 Datasheet
387Kb / 11P
SAC-3P- 3,0-800/M12FR-2L - Sensor/actuator cable
1456734 PHOENIX-1456734 Datasheet
383Kb / 11P
SAC-3P-M12MS/ 1,5-800 - Sensor/actuator cable
1456747 PHOENIX-1456747 Datasheet
383Kb / 11P
SAC-3P-M12MS/ 3,0-800 - Sensor/actuator cable
More results

Similar Description - 1456750

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400592 PHOENIX-1400592 Datasheet
68Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MS/5,0-PUR/CI-1LZ
1438477 PHOENIX-1438477 Datasheet
89Kb / 5P
Sensor/Actuator cable - SAC-3P-M12MS/5,0-PUR/BI-1L-Z
1439641 PHOENIX-1439641 Datasheet
89Kb / 5P
Sensor/Actuator cable - SAC-3P-M12MS/5,0-PUR/A-1L-Z
1415589 PHOENIX-1415589 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PVC
09/11/2020
1445318 PHOENIX-1445318 Datasheet
105Kb / 5P
Sensor/actuator cable - SAC-8P- 5,0-800/M12FS
12/05/2018
1456792 PHOENIX-1456792 Datasheet
137Kb / 10P
Sensor/actuator cable - SAC-3P-M12MS/ 1,5-800/M12FS
09/11/2020
1456970 PHOENIX-1456970 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-4P- 5,0-800/M12FR
09/11/2020
1457144 PHOENIX-1457144 Datasheet
123Kb / 10P
Sensor/actuator cable - SAC-4P-M12MR/ 5,0-800
09/11/2020
1694075 PHOENIX-1694075 Datasheet
81Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PUR/M12FS
12/07/2018
1696400 PHOENIX-1696400 Datasheet
86Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR
12/02/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com