Electronic Components Datasheet Search
  English  ▼

X  

1696015 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1696015
Description  SAC-4P-M12MS/ 0,3-PUR/M12FS D - Sensor/actuator cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1696015 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1696015 Datasheet HTML 1Page - PHOENIX CONTACT 1696015 Datasheet HTML 2Page - PHOENIX CONTACT 1696015 Datasheet HTML 3Page - PHOENIX CONTACT 1696015 Datasheet HTML 4Page - PHOENIX CONTACT 1696015 Datasheet HTML 5Page - PHOENIX CONTACT 1696015 Datasheet HTML 6Page - PHOENIX CONTACT 1696015 Datasheet HTML 7Page - PHOENIX CONTACT 1696015 Datasheet HTML 8Page - PHOENIX CONTACT 1696015 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 4-position, PUR/PVC, yellow, Plug straight M12, coding: A, on Socket
straight M12, coding: A, cable length: 0.3 m, DESINA
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Commercial data
Item number
1696015
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF03
Product key
BF1CCA
Catalog page
Page 104 (PC-2002)
GTIN
4017918180980
Weight per piece (including packing)
30.9 g
Weight per piece (excluding packing)
30.9 g
Customs tariff number
85444290
Country of origin
DE
SAC-4P-M12MS/ 0,3-PUR/M12FS D - Sensor/actuator
cable
1696015
https://www.phoenixcontact.com/us/products/1696015
Jul 2, 2024, 6:47 AM
Page 1 (10)


Similar Part No. - 1696015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1696028 PHOENIX-1696028 Datasheet
490Kb / 11P
SAC-4P-M12MS/ 0,6-PUR/M12FS D - Sensor/actuator cable
logo
Adels-Contact
169603 ADELS-169603 Datasheet
120Kb / 2P
AC 166 GSTLV/ 3 pebble grey
12/11/2019
logo
PHOENIX CONTACT
1696031 PHOENIX-1696031 Datasheet
488Kb / 10P
SAC-4P-M12MS/ 1,5-PUR/M12FS D - Sensor/actuator cable
1696044 PHOENIX-1696044 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 3,0-PUR/M12FS D
09/11/2020
1696057 PHOENIX-1696057 Datasheet
490Kb / 10P
SAC-4P-M12MS/0,3-PUR/M12FR D - Sensor/actuator cable
More results

Similar Description - 1696015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424082 PHOENIX-1424082 Datasheet
59Kb / 3P
Sensor/actuator cable - SAC-4P-40,0-PUR/M12FS
12/21/2018
1502730 PHOENIX-1502730 Datasheet
75Kb / 5P
Sensor/actuator cable - SAC-4P-15,0-PUR/M12FS
12/05/2018
1533576 PHOENIX-1533576 Datasheet
77Kb / 5P
Sensor/actuator cable - SAC-4P- 2,0-PUR/M12FS
12/06/2018
1545014 PHOENIX-1545014 Datasheet
82Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/25,0-PUR/M12FS
12/06/2018
1668108 PHOENIX-1668108 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M12FS
09/11/2020
1668386 PHOENIX-1668386 Datasheet
159Kb / 12P
Sensor/actuator cable - SAC-4P-M12MS/ 3,0-PUR/M12FS
09/11/2020
1694075 PHOENIX-1694075 Datasheet
81Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PUR/M12FS
12/07/2018
1694923 PHOENIX-1694923 Datasheet
156Kb / 12P
Sensor/actuator cable - SAC-4P-M12MS/0,3-PUR/M 8FS
09/11/2020
1696044 PHOENIX-1696044 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 3,0-PUR/M12FS D
09/11/2020
1696332 PHOENIX-1696332 Datasheet
82Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/15,0-PUR/M12FS
12/07/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com