Electronic Components Datasheet Search
  English  ▼

X  

SED20HB100 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SED20HB100
Description  20 AMP 100 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SED20HB100 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SED20HB100 Datasheet HTML 1Page - Solid States Devices, Inc SED20HB100 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
40
60
80
100
25
50
75
100
125
150
175
200
PRELIMINARY
SOLID STATE DEVICES, INC.
CASE OUTLINE:
P/N SED20HB100
Electrical Characteristics
SYMBOL
UNITS
VALUE
SED20HB100
SED20HE100
CASE OUTLINE:
P/N SED20HE100
pF
Junction Capacitance
(VR = 10VDC, TA = 25
oC, f = 1MHz)
600
CJ
Reverse Leakage Current
(Rated VR , 300
:sec Pulse minimum)
1.5
10
mA
IR1
IR2
VF3
VF4
VDC
0.63
0.70
Instantaneous Forward Voltage Drop
(TA = +125
oC, 300
:s Pulse minimum)
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300
:s Pulse minimum)
VDC
0.78
0.87
VF1
VF2
IF = 10ADC
IF = 20ADC
TA = 25
oC
TA = 100
oC
IF = 10ADC
IF = 20ADC
TEMPERATURE DERATING CURVE
75oC
CASE TEMPERATURE (oC)
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com