Electronic Components Datasheet Search
  English  ▼

X  

SSR1645CTJ Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR1645CTJ
Description  16A 45 V SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1645CTJ Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR1645CTJ Datasheet HTML 1Page - Solid States Devices, Inc SSR1645CTJ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0026B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SSR1645 CT J UB TX
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+ Screening
2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+ Lead Bending:
3/
__
= Straight
UB = Up Bend
DB = Down Bend
¦
¦
¦
+ Package:
3/
J
= TO-257
+ Configuration:
CT = Common Cathode
CA = Common Anode
D
= Doubler
SSR1645CTJ
SSR1645CAJ
SSR1645DJ
16A 45 V
SCHOTTKY
RECTIFIER
Features:
• PIV: 45Volts
• Low Reverse Leakage Current
• Low Forward Voltage Drop
• Guard Ring for Overload Protection
• Isolated Hermetically Sealed Package
• Custom Lead Forming Available
• Eutectic Die Attach
• 175ºC Operating Temperature
• Ultrasonic Aluminum Wire Bonds
• TX, TXV, and S Level Screening Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking Voltage
VRRM
VRSM
VR
45
Volts
Average Rectified Forward Current
4/
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
16
Amps
Peak Surge Current
4/
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
250
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Case
R?JE
1.5
ºC/W
TO-257 (J)


Similar Part No. - SSR1645CTJ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1645C SSDI-SSR1645C Datasheet
204Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SSR1645CTJ

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1630PT WTE-SB1630PT Datasheet
49Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
logo
Solid States Devices, I...
SSR4045CTJ SSDI-SSR4045CTJ Datasheet
127Kb / 2P
30A 45 V SCHOTTKY CENTERTAP RECTIFIER
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
80A 45 V SCHOTTKY CENTERTAP RECTIFIER
logo
Digitron Semiconductors
MUR1630CT DIGITRON-MUR1630CT Datasheet
128Kb / 2P
16A SCHOTTKY RECTIFIER
MUR1605CTR DIGITRON-MUR1605CTR Datasheet
183Kb / 3P
16A SCHOTTKY RECTIFIER
MUR1605CT DIGITRON-MUR1605CT Datasheet
114Kb / 2P
16A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
16A SCHOTTKY BARRIER RECTIFIER
Rev 9
logo
STMicroelectronics
1N5819U STMICROELECTRONICS-1N5819U Datasheet
226Kb / 10P
Aerospace 45 V power Schottky rectifier
December 2015 Rev 5
STPS1045SF STMICROELECTRONICS-STPS1045SF Datasheet
323Kb / 9P
45 V power Schottky rectifier
DS12693 - Rev 1 - July 2018
STPS1045SFY STMICROELECTRONICS-STPS1045SFY Datasheet
473Kb / 11P
Automotive 45 V power Schottky rectifier
DS12668 - Rev 1 - August 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com