Electronic Components Datasheet Search
  English  ▼

X  

SFT6800 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT6800
Description  2 AMP 500 VOLTS NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6800 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT6800 Datasheet HTML 1Page - Solid States Devices, Inc SFT6800 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SFT6800
FEATURES:
DATA SHEET #: TR0005B
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
VEBO
10
Volts
Emitter-Base Voltage
VCBO
500
Volts
Collector-Base Voltage
IC
2
Collector Current
Collector-Emitter Voltage
VCEO
400
Amps
Volts
o
C
W
mW/oC
o
C/W
•BVCEO 400V.
• Fast Switching.
• Very Low Leakage.
• Low Saturation Voltage.
• 200oC Operating, Gold Eutectic Die Attach.
• Designed for Complementary Use with SFT1192.
TO-5
CASE OUTLINE: TO-5
2 AMP
500 VOLTS
NPN TRANSISTOR
Operating and Storage Temperature
TJ, TSTG
-65 to +200
6.67
150
Thermal Resistance, Junction to Case
R2JC
15
Total Device Dissipation @ TC=100oC
Derate above 100oC
PD
IB
0.5
Base Current
Amps
DESIGNER'S DATA SHEET
BASE
EMITTER
COLLECTOR
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.


Similar Part No. - SFT6800

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT6800-59 SSDI-SFT6800-59 Datasheet
105Kb / 2P
2 AMP 500 VOLTS NPN TRANSISTOR
SFT6800S.5 SSDI-SFT6800S.5 Datasheet
37Kb / 2P
2 A /500 Volts NPN switching Transistor
SFT6800S.5 SSDI-SFT6800S.5 Datasheet
94Kb / 2P
NPN switching Transistor
SFT6800S.5 SSDI-SFT6800S.5_1 Datasheet
94Kb / 2P
NPN switching Transistor
More results

Similar Description - SFT6800

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT1192-59 SSDI-SFT1192-59 Datasheet
44Kb / 2P
2 AMP 500 VOLTS PNP TRANSISTOR
SFT6800S.5 SSDI-SFT6800S.5 Datasheet
37Kb / 2P
2 A /500 Volts NPN switching Transistor
SFT6800-59 SSDI-SFT6800-59 Datasheet
105Kb / 2P
2 AMP 500 VOLTS NPN TRANSISTOR
2N5095 SSDI-2N5095 Datasheet
218Kb / 2P
1 AMP HIGH VOLTAGE NPN TRANSISTOR 500-600 VOLTS
SFT8500 SSDI-SFT8500 Datasheet
212Kb / 2P
2 AMP HIGH VOLTAGE NPN TRANSISTOR 1000 VOLTS
2N4300 SSDI-2N4300 Datasheet
215Kb / 2P
2 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
SFT4300 SSDI-SFT4300 Datasheet
245Kb / 2P
2 AMP 150 VOLTS NPN TRANSISTOR
TR0081F SSDI-TR0081F Datasheet
159Kb / 3P
1 AMP, 500 Volts High Voltage PNP Transistor
TR0118A SSDI-TR0118A Datasheet
154Kb / 3P
1 AMP High Voltage NPN Transistor 500-600 Volts
XN0029E SSDI-XN0029E Datasheet
79Kb / 2P
2 AMP, 150 Volts NPN Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com