Electronic Components Datasheet Search
  English  ▼

X  

KBPC300 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC300
Description  3.0A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC300 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC300 Datasheet HTML 1Page - Won-Top Electronics KBPC300 Datasheet HTML 2Page - Won-Top Electronics KBPC300 Datasheet HTML 3Page - Won-Top Electronics KBPC300 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBPC300 – KBPC310
1 of 4
© 2006 Won-Top Electronics
Pb
KBPC300 – KBPC310
3.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
!
High Current Capability
H
!
High Case Dielectric Strength
G
!
High Surge Current Capability
+
~
!
Ideal for Printed Circuit Board Application
E
A
!
Plastic Material has UL Flammability 94V-0
~
-
!
Recognized File # E157705
Mechanical Data
!
Case: KBPC-3, Molded Plastic
D
C
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Marked on Body
B
!
Weight: 3.8 grams (approx.)
A
!
Mounting Position: Through Hole for #6 Screw
!
Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBPC
300
KBPC
301
KBPC
302
KBPC
304
KBPC
306
KBPC
308
KBPC
310
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TC = 50°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
50
A
Forward Voltage per leg
@IF = 1.5A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
5.0
500
µA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
10
A2s
Typical Junction Capacitance (Note 3)
Cj
25
pF
Typical Thermal Resistance per leg (Note 1)
RJC
10
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Mounted on metal chassis.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
KBPC-3
Dim
Min
Max
A
14.73
15.75
B
5.84
6.86
C
19.00
—
D
0.76 Ø Typical
E
1.70
2.72
Hole for #6 screw
G
3.60
4.00
H
10.30
11.30
All Dimensions in mm


Similar Part No. - KBPC300

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC300 WTE-KBPC300 Datasheet
32Kb / 3P
3.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC300 JGD-KBPC300 Datasheet
118Kb / 2P
SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBPC300 ETC1-KBPC300 Datasheet
37Kb / 1P
BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC300 WTE-KBPC300 Datasheet
52Kb / 4P
3.0A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - KBPC300

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC1005 SEMTECH-KBPC1005 Datasheet
120Kb / 2P
3.0A SINGLE - PHASE SILICON BRIDGE?
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G_06 Datasheet
45Kb / 4P
3.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
TB305 ETC2-TB305 Datasheet
174Kb / 4P
3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB305 TAITRON-TB305 Datasheet
174Kb / 4P
3.0A Single-Phase Silicon Bridge Rectifier
logo
Zibo Seno Electronic En...
KBP3005 ZSELEC-KBP3005 Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
D3KB05 ZSELEC-D3KB05 Datasheet
117Kb / 2P
3.0A BRIDGE RECTIFIER
GBP301 ZSELEC-GBP301_V01 Datasheet
85Kb / 2P
3.0A BRIDGE RECTIFIER
logo
Burland Technology Solu...
UG3KB05G BURLAND-UG3KB05G Datasheet
362Kb / 5P
UG3KB05G THRU UG3KB100G Single-Phase 3.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
UG3KB05 SMCDIODE-UG3KB05 Datasheet
413Kb / 5P
Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. A
UG3KB05G SMCDIODE-UG3KB05G Datasheet
362Kb / 5P
Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. -
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com