Electronic Components Datasheet Search
  English  ▼

X  

LMV1024UR Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1024UR
Description  PDM Output with Pre-Amplifier for Electret Microphones
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1024UR Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV1024UR Datasheet HTML 9Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 10Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 11Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 12Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 13Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 14Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 15Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 16Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Section (Continued)
Microphone with Additional Gain
When gain is added to the electret element, the analog
signal becomes larger and therefore more robust. This can
be accomplished by using a pre-amplifier with a higher gain
then the JFET. The sensitivity of the microphone consists of
the sensitivity of the electret plus the gain of the pre-
amplifier.
When
choosing
National
Semiconductor’s
LMV1015-15 for instance, a gain of 15 dB is added by the
pre-amplifier. This results in a sensitivity of −29 dB(V/Pa)
with a typical electret element of −44 dB(V/Pa). National
Semiconductor has a wide range of pre-amplifiers with dif-
ferent gain factors, which can be used to replace the JFET
inside the microphone canister. Please visit www.national-
.com for more information on the LMV1015 and LMV1032
pre-amplifier series. A block diagram with the LMV1015 pre-
amplifier inside an ECM is given in Figure 5.
When taking the same example of busy traffic (70 dB SPL),
the output voltage of the microphone with the LMV1015 is:
Microphone Output = SP +C+S
Where,
SP is the Sound Pressure in dB SPL
C is the dB SPL to dBPa conversion (−94 dB)
S is the Sensitivity in dB(V/Pa)
Microphone output = 70 - 94 - 29 = −53 dBV.
This is equivalent to 6.33 mV
PP.
The pre-amplifier with additional gain reduces the impact of
noise on the wiring / traces from the microphone to the
baseband chip significantly. To minimize interference ulti-
mately, an Analog-to-Digital converter is integrated in both
the LMV1024/LMV1026, realizing a digital interface between
the microphone and the baseband.
Digital Microphone
By integrating the Analog-to-Digital converter (ADC) in the
LMV1024/LMV1026 all analog signals are kept within the
“shielded” microphone canister. The output is a digital inter-
face that is robust and insensitive to interference and noise
from outside the canister. The output is expressed in dBFS
and therefore the sensitivity is also stated in dB(FS/Pa)
instead of dB(V/Pa). To calculate the digital output (Data) in
dBFS the following equation can be written for the LMV1024/
LMV1026:
(1)
20133445
FIGURE 5. Microphone Sensitivity
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com