Electronic Components Datasheet Search
  English  ▼

X  

LP2901IQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2901IQ1
Description  LOW-POWER QUAD DIFFERENTIAL COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2901IQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LP2901IQ1 Datasheet HTML 1Page - Texas Instruments LP2901IQ1 Datasheet HTML 2Page - Texas Instruments LP2901IQ1 Datasheet HTML 3Page - Texas Instruments LP2901IQ1 Datasheet HTML 4Page - Texas Instruments LP2901IQ1 Datasheet HTML 5Page - Texas Instruments LP2901IQ1 Datasheet HTML 6Page - Texas Instruments LP2901IQ1 Datasheet HTML 7Page - Texas Instruments LP2901IQ1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.ti.com
LP2901-Q1
LOW-POWER QUAD DIFFERENTIAL COMPARATOR
SLCS148 – SEPTEMBER 2005
Without transistor Q3, if the output voltage were allowed to drop below 0.8 V, transistor Q1 would saturate, and
the output current would drop to zero. The circuit would be unable to pull low current loads down to ground or the
negative supply, if used. Transistor Q3 has been included to bypass transistor Q1 under these conditions and
apply the current I
1 directly to the base of Q2. The output sink current now is approximately I1 times the hFE of
Q2 (700
µA at V
O = 0.4 V). The output of the devices exhibits a bimodal characteristic, with a smooth transition
between modes.
In both cases, the output is an uncommitted collector. Several outputs can be tied together to provide a dot logic
function. An output pullup resistor can be connected to any available power-supply voltage within the permitted
power-supply range, and there is no restriction on this voltage, based on the magnitude of the voltage that is
supplied to VCC of the package.
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com