Electronic Components Datasheet Search
  English  ▼

X  

557021 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 557021
Description  Compact air cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

557021 Datasheet(HTML) 1 Page - Festo Corporation.

  557021 Datasheet HTML 1Page - Festo Corporation. 557021 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact air cylinder
ADN-1/2"-3/4"-A-P-A
Part number: 557021
General operating condition
Data sheet
Feature
Value
Stroke
19.05 mm
Piston diameter
1/2"
Piston rod thread
10-32 UNF-2A
Based on norm
ISO 21287
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Double-acting
Piston rod end
External thread
Structural design
Piston
Piston rod
Profile barrel
Position sensing
For proximity sensor
Variants
Piston rod at one end
Operating pressure
0.1 MPa ... 1 MPa
Operating pressure
1 bar ... 10 bar
Operating pressure
14.5 psi ... 145 psi
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.0705 J
Theoretical force at 6 bar, retracting
50.999 N
Theoretical force at 6 bar, advancing
68 N
Moving mass at 0 mm stroke
9.044 g
Additional moving mass per 10 mm stroke
12.049 g
Basic weight with 0 mm stroke
77.282 g
Additional weight per 10 mm stroke
2.013 g
Type of mounting
Optionally:
With through-hole
With internal thread
With accessories
Pneumatic connection
10-32 UNF-2B
Flange screws material
Steel
Cover material
Wrought aluminum alloy, anodized
Material of dynamic seals
TPE-U(PU)
Piston rod material
High-alloy steel
7/28/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 557021

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
557020 FESTO-557020 Datasheet
84Kb / 2P
Compact air cylinder
557022 FESTO-557022 Datasheet
84Kb / 2P
Compact air cylinder
557023 FESTO-557023 Datasheet
83Kb / 2P
Compact air cylinder
557024 FESTO-557024 Datasheet
82Kb / 2P
Compact air cylinder
557025 FESTO-557025 Datasheet
83Kb / 2P
Compact air cylinder
More results

Similar Description - 557021

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8076392 FESTO-8076392 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8076398 FESTO-8076398 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076400 FESTO-8076400 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076412 FESTO-8076412 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8091429 FESTO-8091429 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8091667 FESTO-8091667 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091668 FESTO-8091668 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091678 FESTO-8091678 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8076322 FESTO-8076322 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
8076334 FESTO-8076334 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com