Electronic Components Datasheet Search
  English  ▼

X  

SFT6678 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT6678
Description  15 AMPS 400 Volts NPN High Speed Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6678 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT6678 Datasheet HTML 1Page - Solid States Devices, Inc SFT6678 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0019C
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT6678 SERIES
Electrical Characteristics
Symbol
Min
Max
Units
Collector Cutoff Current
VCE=650VDC, VBE(off) =1.5VDC
TC=25°C
TC=100°C
ICEV
-
-
0.1
1.0
mA
Collector – Base Leakage Current
VCB =650V
ICBO
-
1
mA
Emitter Cutoff Current
(VEB = 8V, IC = 0)
IEBO
-
2
mA
Collector-Emitter Sustaining Voltage
(IC = 200mA, IB = 0)
VCEO(sus)
400
-
VDC
DC Current Gain *
VCE=3V, 1C=15A, TA= 25°C
VCE=3V, 1C=1A, TA= 25°C
VCE=3V, 1C=15A,TA= -55°C
HFE1
HFE2
HFE3
8
15
4
-
-
-
Base-Emitter Saturation Voltage *
(IC = 15ADC, IB = 3ADC)
VBE (SAT)
-
1.5
VDC
Collector-Emitter Saturation Voltage *
(IC = 15A, IB = 3A)
(TC = 25°C)
(TC = 100°C)
VCE (SAT)
1.5
2.0
VDC
Second Breakdown
(t = 1.0 sec, TC = 25oC)
(VCC = 11.7V)
(VCC = 20V)
(VCC = 100V)
IS/b1
IS/b2
IS/b3
15.0
8.75
0.3
-
-
-
A
A
A
Reverse Bias Second Breakdown
(VBE (off) = 1 to 6V, VCLAMP = 450V, TC < 100
o
C)
RBSOA
15.0
-
A
Current Gain
(IC = 1A, VCE = 10VDC, f = 5MHz)
|hFE|
3
10
Output Capacitance
(VCB = 10VDC , f = 0.1MHz)
Cob
150
500
pF
Delay Time
Storage Time
Rise Time
Fall Time
(VCC = 200VDC , IC = 15ADC,
IB1 = IB2 = 3ADC,
tP = 50 µsec, Duty Cycle < 2%
VB = 6VDC , RL = 13.5Ω)
td
ts
tr
tf
––
––
0.1
0.6
2.5
0.5
µsec
Cross Over Time
(IC = 15 A(pk), VCLAMP = 450V, IB1 = 3 A, VBE(off) = 6V)
tc
––
0.5
µsec
NOTES:
* Pulse Test: Pulse Width = 300
µs, Duty Cycle < 2%
1/
For Ordering Information, Price, and Availability Contact Factory.
2/
Screening per MIL-PRF-19500.
3/
For Package Outlines Contact Factory.
4/
Up and Down Bend Configurations Available for M and Z (TO-254 and TO-254Z) Packages Only.
5/ All Electrical Characteristics @ 25oC, Unless Otherwise Specified.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com